Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ766-1A-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ766-1A-12D
Description  SPST SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ766-1A-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ766-1A-12D Datasheet HTML 1Page - ZETTLER Electronics AZ766-1A-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2004-08-22
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ766
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Unsealed
Sealed
VDC
VDC
VDC
Ohm ± 10%
3
2.25
5.0
20
AZ766–1A–3D
AZ766–1A–3DE
5
3.75
8.4
55
AZ766–1A–5D
AZ766–1A–5DE
6
4.5
10.2
80
AZ766–1A–6D
AZ766–1A–6DE
9
6.75
15.3
180
AZ766–1A–9D
AZ766–1A–9DE
12
9.0
20.4
320
AZ766–1A–12D
AZ766–1A–12DE
18
13.5
30.6
720
AZ766–1A–18D
AZ766–1A–18DE
24
18.0
40.8
1,280
AZ766–1A–24D
AZ766–1A–24DE
MECHANICAL DATA
1
3
3
2
4
1
[0.4]
2 x .016
2 x .019
[0.5] SQ
[11.8]
[1.0]
[18.4]
[15.2]
.410
[10.4]
.140
[3.6]
2 x .039
WIRING DIAGRAM
4
2
.539
[13.7]
4 x ø.050
[ø1.3]
.598
.724
.465
[2.3]
.093
.400
PC BOARD LAYOUT
[1.8]
.070
.465
[11.8]
[10.2]
[2.0]
.078
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ766-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ766-1A-12D ZETTLER-AZ766-1A-12D	 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ766-1A-12D AZETTLER-AZ766-1A-12D Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ766-1A-12DE ZETTLER-AZ766-1A-12DE	 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ766-1A-12DE AZETTLER-AZ766-1A-12DE Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
More results

Similar Description - AZ766-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ770H ZETTLER-AZ770H Datasheet
45Kb / 2P
   SPST HIGH TEMPERATURE SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com