Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ764S Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ764S
Description  16 A SPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ764S Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ764S Datasheet HTML 1Page - ZETTLER Electronics AZ764S Datasheet HTML 2Page - ZETTLER Electronics AZ764S Datasheet HTML 3Page - ZETTLER Electronics AZ764S Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ764S
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
MECHANICAL DATA
PC BOARD LAYOUT
WIRING DIAGRAMS
* Not used on 1 Form A relay
1 Form A
1 Form C
Viewed toward terminals
Viewed toward terminals
1
2
3
4
5
6
7
8
8 x .059
[7.0]
[12.5]
8 x .138
*
*
1
2
3
4
5
6
7
8
1
2
4
5
7
8
[6.6]
[0.9]
[0.6]
[2.0]
[2.9]
[18.0]
.709 Max.
[29.0]
1.142 Max.
[12.7]
0.500 Max.
[2.5]
.098
[5.0]
.197
[5.0]
.197
.60
[15.12]
[5.0]
.197
.197
[5.0]
[15.12]
[2.5]
.098
.60
.26
.114
.035
.024
[0.6]
.024
.079
.05
.276
[3.5]
[1.5]
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Typical Soldering Profile
0
50
100
150
200
250
1
61
121
181
241
301
361
421
Time in seconds
TC2 (°C)
TC3 (°C)
NOTES
The soldering profile to the left is
an example and is just to show one
of various profiles AZ764S has been
tested with.
In order to make sure AZ764S fits
to a specific profile, we strongly
recommend to test under the real
environment.


Similar Part No. - AZ764S

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S ZETTLER-AZ764S Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S-1A-110A ZETTLER-AZ764S-1A-110A	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S-1A-110D ZETTLER-AZ764S-1A-110D	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S-1A-115A ZETTLER-AZ764S-1A-115A	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S-1A-120A ZETTLER-AZ764S-1A-120A	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ764S

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com