Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N3904 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 2N3904
Description  SMALL SIGNAL NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
2N3904
SMALL SIGNAL NPN TRANSISTOR
PRELIMINARY DATA
s
SILICON EPITAXIAL PLANAR NPN
TRANSISTOR
s
TO-92 PACKAGE SUITABLE FOR
THROUGH-HOLE PCB ASSEMBLY
s
THE PNP COMPLEMENTARY TYPE IS
2N3906
APPLICATIONS
s
WELL SUITABLE FOR TV AND HOME
APPLIANCE EQUIPMENT
s
SMALL LOAD SWITCH TRANSISTOR WITH
HIGH GAIN AND LOW SATURATION
VOLTAGE
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
60
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
200
mA
Ptot
Total Dissipation at TC = 25
oC
625
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
Ordering Code
Marking
Package / Shipment
2N3904
2N3904
TO-92 / Bulk
2N3904-AP
2N3904
TO-92
/ Ammopack
TO-92
Bulk
TO-92
Ammopack
1/5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DDC124EUNPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTC123EUANPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMST3904NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 Diodes Incorporated
BCW66HNPN Small Signal Transistor 330mW 1 2 Micro Commercial Components
2SC5343NPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
BCX70SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR 1 2 Zetex Semiconductors
MMBT5551NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 Transys Electronics
DDTC113TCANPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DMBT9022NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated
MMBTA42NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl