Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4048B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4048B
Description  CMOS Multifunction Expandable 8-Input Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4048B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4048B Datasheet HTML 2Page - Texas Instruments CD4048B Datasheet HTML 3Page - Texas Instruments CD4048B Datasheet HTML 4Page - Texas Instruments CD4048B Datasheet HTML 5Page - Texas Instruments CD4048B Datasheet HTML 6Page - Texas Instruments CD4048B Datasheet HTML 7Page - Texas Instruments CD4048B Datasheet HTML 8Page - Texas Instruments CD4048B Datasheet HTML 9Page - Texas Instruments CD4048B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4048BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4048BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4048BM
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4048BM96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4048BMT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4048BNSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4048BPW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4048BPWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Similar Part No. - CD4048B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4048B TI1-CD4048B Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048B-MIL TI1-CD4048B-MIL Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BE TI1-CD4048BE Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BEE4 TI1-CD4048BEE4 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
CD4048BF3A TI1-CD4048BF3A Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
More results

Similar Description - CD4048B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4048B TI1-CD4048B_15 Datasheet
757Kb / 16P
[Old version datasheet]   CMOS Multifunction Expandable 8-Input Gate
logo
Intersil Corporation
CD4048BMS INTERSIL-CD4048BMS Datasheet
144Kb / 11P
   CMOS Multifunction Expandable 8 Input Gate
December 1992
logo
STMicroelectronics
HCC4048B STMICROELECTRONICS-HCC4048B Datasheet
280Kb / 12P
   MULTIFUNCTION EmULTIFUNCTION EXPANDABLE 8-INPUT GATE
logo
Micro Electronics
MMC4048 MICRO-ELECTRONICS-MMC4048 Datasheet
142Kb / 4P
   MULTIFUNCTION EXPANDALE 8-INPUT GATE
logo
Texas Instruments
CD4086B TI-CD4086B Datasheet
539Kb / 12P
[Old version datasheet]   CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com