Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS505 Datasheet(PDF) 1 Page - Gennum Corporation

Part # LS505
Description  High Gain Class A Amplifier with Peak Clipping
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LS505 Datasheet(HTML) 1 Page - Gennum Corporation

  LS505 Datasheet HTML 1Page - Gennum Corporation LS505 Datasheet HTML 2Page - Gennum Corporation LS505 Datasheet HTML 3Page - Gennum Corporation LS505 Datasheet HTML 4Page - Gennum Corporation LS505 Datasheet HTML 5Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LS505 DATA SHEET
FEATURES
• 72 dB typical gain
• 0.2 to 2.0 mA of transducer current adjustment
• 43 dB range of feedback volume control
• 1.0 to 1.6 V supply operating range
• Schottky diodes provide symmetrical peak clipping
• requires only 4 external parts for operation
STANDARD PACKAGING
• 8 pin MINIpac
• 8 pin MICROpac
• 8 pin PLID
®
• 8 pin SLT
• Chip (56 x 55 mils)
High Gain Class A Amplifier
with Peak Clipping
DESCRIPTION
The LS505 is a low voltage, monolithic integrated circuit
amplifier comprised of an operational amplifier driving a
single transistor Class A output stage with open collector.
Also included are a pair of complementary Schottky diodes
which provide the capability for symmetrical peak clipping in
a feedback configuration.
An internal negative feedback loop ensures a stable operating
point for the output stage over the designed operating voltage.
This also permits trimming of the output current with the use
of a single external resistor.
The input stage and microphone are biased by an internal
2.2 k
Ω decoupling resistor to increase battery line signal
rejection.
Revision Date: January 1996
100
-
+
7
4
33k
200
5
6
I/P
GND
RVC
8
1
2.2k
VB
MPO
VMIC
3
O/P
RE
2
BLOCK DIAGRAM
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302, M i yamae Vi l l age, 2–10–42 M i yamae, Suginami–ku Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
Document No. 500 - 20 - 11
All resistors in ohms, all capacitors in farads unless otherwise stated.


Similar Part No. - LS505

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS50 RSG-LS50 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
LS50-12 RSG-LS50-12 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-12 TDK-LS50-12 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS50-15 RSG-LS50-15 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-15 TDK-LS50-15 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
More results

Similar Description - LS505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD505 ETC-LD505 Datasheet
189Kb / 5P
   High Gain Class A Amplifier
LP508 ETC-LP508 Datasheet
80Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
   Class A Amplifier with 3 Independent Gain Blocks
logo
List of Unclassifed Man...
GP509 ETC1-GP509 Datasheet
138Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
LT505 ETC-LT505 Datasheet
67Kb / 2P
   Low Current, Peak Limiting Class A Amplifier
LS509 ETC-LS509 Datasheet
94Kb / 5P
   Class A Amplifier with 3 Gain Blocks & Schottky Diodes
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
GK509 ETC1-GK509 Datasheet
85Kb / 5P
   Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes
logo
STMicroelectronics
TDA7362 STMICROELECTRONICS-TDA7362 Datasheet
753Kb / 17P
   2x8W CAR RADIO AMPLIFIER WITH CLIPPING DETECTOR
May 1991
logo
Taoglas antenna solutio...
GSA.8859.A.105111 TAOGLAS-GSA.8859.A.105111 Datasheet
2Mb / 23P
   High Efficiency and High Peak Gain
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com