Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173ACS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9173ACS
Description  1.5A/3A Bus Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173ACS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9173ACS Datasheet HTML 2Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 3Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 4Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 5Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 6Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 7Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 9Page - Richtek Technology Corporation RT9173ACS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9173/A
www.richtek-ic.com.tw
DS9173/A-06 March 2002
6
Applications Information
Internal parasitic diode
Avoid forward-bias internal parasitic diode, VOUT to
VCNTL, and VOUT to VIN, the VOUT should not be
forced some voltage respect to ground on this pin
while the VCNTL or VIN is disappeared.
Consideration while designs the resistance of
voltage divider
Make sure the sinking current capability of pull-down
NMOS if the lower resistance was chosen so that the
voltage on REFEN is below 0.2V.
In addition to item 1, the capacitor and voltage divider
form the low-pass filter. There are two reasons doing
this design; one is for output voltage soft-start while
another is for noise immunity.
How to reduce power dissipation on Notebook PC
or the dual channel DDR SDRAM application?
In notebook application, using RichTek’s Patent
“Distributed Bus Terminator Topology” with choosing
RichTek’s product is encouraged.
Thermal Consideration
RT9173/A regulators have internal thermal limiting
circuitry designed to protect the device during
overload conditions. For continuous normal load
conditions
however,
the
maximum
junction
temperature rating of 125°C must not be exceeded.
Higher continous currents or ambient temperature
require additional heatsinking. Heat sinking to the IC
package must consider the worst case power
dissipation which may occur.
It should also be note that with the VCNTL equal to
5V, the point of thermal shutdown will be degraded by
approx. 20°C compared to the VCNTL equipped with
3.3V. It is highly recommended that to use the 3.3V
rail acted as the VCNTL so as to minimize the
thermal concern of the RT9173CS in the SOP-8
package.
Layout Consideration
The RT9173CS regulator is packaged in plastic SOP-
8 package. This small footprint package is unable to
convectively dissipate the heat generated when the
regulator is operating at high current levels. In order
to control die operating temperatures, the PC board
layout should allow for maximum possible copper
area at the VCNTL pins of the RT9173CS.
The multiple VCNTL pins on the SOP-8 package are
internally connected, but lowest thermal resistance
will result if these pins are tightly connected on the
PC board. This will also aid heat dissipation at high
power levels.
If the large copper around the IC is unavailable, a
buried layer may be used as a heat spreader, Use
vias to conduct the heat into the buried or backside of
PCB layer. The vias should be small enough to retain
solder when the board is wave-soldered. (See Fig.6
shown on next page).
Distributed Bus Terminating Topology
R0
R2
R3
R4
R5
R6
R7
R8
R9
RN
BUS(0)
BUS(1)
BUS(2)
BUS(3)
BUS(4)
R1
BUS(5)
BUS(6)
BUS(7)
BUS(8)
BUS(9)
BUS(N+1)
RN1
BUS(N)
Terminator Resistor
RT9173
RT9173
VOUT
VOUT
REFEN


Similar Part No. - RT9173ACS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGS RICHTEK-RT9173AGS Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APL5 RICHTEK-RT9173APL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APM5 RICHTEK-RT9173APM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173ACS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com