Electronic Components Datasheet Search |
|
AZ755-1C-60D Datasheet(PDF) 1 Page - ZETTLER Electronics |
|
AZ755-1C-60D Datasheet(HTML) 1 Page - ZETTLER Electronics |
1 / 2 page CONTACTS Arrangement SPST (1 Form A, 1 Form B) SPDT (1 Form C) Ratings Resistive load: Max. switched power: 480 W or 5540 VA Max. switched current: 20 A Max. switched voltage: 150 VDC* or 380 VAC * Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory. Rated Load 20 A at 277 VAC N.O. resistive, 50k cycles UL, CUR 16 A at 240 VAC general use, 100k cycles 12 A at 277 VAC N.O. resistive., 100k cycles 20 A at 24 VDC resistive 1 HP 240 VAC TV-8 120 VAC N.O. (silver tin oxide only) TÜV 16 A at 30 VDC, 250 VAC resistive, 100k cycles 13 A at 420 VAC res., 100k cycles (1 Form A) Material Silver cadmium oxide or silver tin oxide Resistance < 50 milliohms initially (24 V, 1 A voltage drop method) ZETTLER electronics GmbH Fax +49 89 800 97 200 www.ZETTLERelectronics.com office@ZETTLERelectronics.com 0 97 800 89 +49 Tel. Germany Puchheim, D-82178 Junkersstrasse 3, 2004-08-11 AZ755 20 AMP MINIATURE POWER RELAY FEATURES • Dielectric strength 5000 Vrms • Low cost • Epoxy sealed version available • 20 Amp switching — single pole contacts • Isolation spacing greater than 8mm • UL, CUR file E44211 • TÜV file R9659060 GENERAL DATA Life Expectancy Minimum operations Mechanical 5 x 106 Electrical 5 x 104 at 16 A 250 VAC Res. 2 x 104 at 20 A 277 VAC Res. Operate Time (typical) 8 ms at nominal coil voltage Release Time (typical) 5 ms at nominal coil voltage (with no coil suppression) Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation 1000 megohms min. at 20°C Resistance 500 VDC 50% RH Dropout Greater than 10% of nominal coil voltage Ambient Temperature At nominal coil voltage Operating -40°C (-40°F) to 85°C (185°F) Storage -40°C (-40°F) to 105°C (221°F) Vibration 0.062" (1.5 mm) DA at 10–55 Hz Shock 10 g Enclosure P.B.T. polyester Terminals Tinned copper alloy, P. C. Max. Solder Temp. 270°C (518°F) Max. Solder Time 5 seconds Max. Solvent Temp. 80°C (176°F) Max. Immersion Time 30 Seconds Weight 18.5 grams Packing unit in pcs 50 per plastic tray / 500 per carton box COIL Power At Pickup Voltage 270 mW (typical) Max. Continuous 1.9 W at 20°C (68°F) ambient Dissipation Temperature Rise 34°C (61°F) at nominal coil voltage Temperature Max. 130°C (266°F) NOTES 1. All values at 20°C (68°F). 2. Relay may pull in with less than “Must Operate” value. 3. Specifications subject to change without notice. |
Similar Part No. - AZ755-1C-60D |
|
Similar Description - AZ755-1C-60D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |