Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ742-2A-240A Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ742-2A-240A
Description  8 A DPDT MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ742-2A-240A Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ742-2A-240A Datasheet HTML 1Page - ZETTLER Electronics AZ742-2A-240A Datasheet HTML 2Page - ZETTLER Electronics AZ742-2A-240A Datasheet HTML 3Page - ZETTLER Electronics AZ742-2A-240A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ACCESSORIES
MECHANICAL DATA
AZ742
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
MECHANICAL DATA
[2.5]
.098
[5.0]
.197
[5.0]
.197
PC BOARD LAYOUT
.60
[15.12]
[5.0]
.197
.197
[5.0]
[15.12]
[15.7]
.618
[3.9]
.154
[0.9]
6 x .035
6 x ø .050
[ø 1.3]
6 x .020
[0.5]
.295
[7.5]
[2.5]
.098
.60
5
[12.7]
0.500
[7.5]
.295
[7.5]
.295
[29.0]
1.142
[ø 0.6]
2 x ø .024
WIRING DIAGRAMS
1
2
7
4
6
3
8
Max.
Max.
Max.
*
*
* Not used on 2 Form A relay
5
1
2
7
4
8
2 x ø .040
[ø 1.0]
2 Form A
2 Form C
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
EC 50
ES 50
MP 16 / MH 16
MS 16
h = 15 ... 16.5 mm
h = 15 ... 16.5 mm
For P.C.B. mount: Socket EC 50
Retaining Clip MP 16 / MH 16
For DIN rail mount: Socket ES 50
Retaining Clip MS 16


Similar Part No. - AZ742-2A-240A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742-2A-240A ZETTLER-AZ742-2A-240A Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742-2A-240A ZETTLER-AZ742-2A-240A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ742-2A-240A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com