Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT273N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT273N
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT273N Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT273N Datasheet HTML 1Page - NXP Semiconductors 74HCT273N Datasheet HTML 2Page - NXP Semiconductors 74HCT273N Datasheet HTML 3Page - NXP Semiconductors 74HCT273N Datasheet HTML 4Page - NXP Semiconductors 74HCT273N Datasheet HTML 5Page - NXP Semiconductors 74HCT273N Datasheet HTML 6Page - NXP Semiconductors 74HCT273N Datasheet HTML 7Page - NXP Semiconductors 74HCT273N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
September 1993
4
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset;
positive-edge trigger
74HC/HCT273
Fig.4 Functional diagram.
FUNCTION TABLE
Note
1. H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the
LOW-to-HIGH CP transition
L = LOW voltage level
I = LOW voltage level one set-up time prior to the
LOW-to-HIGH CP transition
↑ = LOW-to-HIGH transition
X = don’t care
OPERATING
MODES
INPUTS
OUTPUTS
MR
CP
Dn
Qn
reset (clear)
L
X
X
L
load “1”
H
hH
load “0”
H
IL
Fig.5 Logic diagram.


Similar Part No. - 74HCT273N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT273N NXP-74HCT273N Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
More results

Similar Description - 74HCT273N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com