Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ725-1C-110D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ725-1C-110D
Description  16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ725-1C-110D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ725-1C-110D Datasheet HTML 1Page - ZETTLER Electronics AZ725-1C-110D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005-08-04
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ725
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
Form C
VDC
VDC
VDC
Ohm ± 10%
(SPST)
(SPDT)
5
3.5
8.85
49
AZ725–1A–5D
AZ725–1C–5D
6
4.2
10.6
68
AZ725–1A–6D
AZ725–1C–6D
12
8.4
21.2
260
AZ725–1A–12D
AZ725–1C–12D
24
16.8
42.5
1,100
AZ725–1A–24D
AZ725–1C–24D
48
33.6
85.0
4,400
AZ725–1A–48D
AZ725–1C–48D
60
42.0
106.2
7,000
AZ725–1A–60D
AZ725–1C–60D
110
77.0
188.0
20,500
AZ725–1A–110D
AZ725–1C–110D
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
MECHANICAL DATA
* Substitute “1B” in place of “1A” for Form B contacts.
Add suffix “E” to “1A” or “1C” for silver tin oxide contacts
Substitute “1AS” in place of “1A” for 1 Form A silver tin oxide contacts (120 A high inrush version).
WIRING DIAGRAMS
.016
(0.4) TYP
.045
(1.1) TYP
.516 MAX
(13.1)
1.16 MAX
(29.5)
1.01 MAX
(25.6)
.142
(3.6)
.197
(5.0)
.295
(7.5)
.590 (15)
.197
(5.0)
.118
(3.0)
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
8
5
4
7
3
6
2
1
4
7
3
6
2
1
8
5
4
7
2
1
8 x ø .059
[ø 1.5]
Form C
Form B
Form A


Similar Part No. - AZ725-1C-110D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ725-1C-12D AZETTLER-AZ725-1C-12D Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ725-1C-110D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H_13 Datasheet
55Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ762H ZETTLER-AZ762H Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H Datasheet
59Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Tyco Electronics
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com