Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ760-1A-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ760-1A-12D
Description  20 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ760-1A-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ760-1A-12D Datasheet HTML 1Page - ZETTLER Electronics AZ760-1A-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2004-08-11
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ760
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
VDC
VDC
VDC
Ohm ± 10%
(SPST)
6
4.2
11.0
40
AZ760–1A–6D
12
8.4
22.0
160
AZ760–1A–12D
24
16.8
43.8
640
AZ760–1A–24D
48
33.6
87.6
2,560
AZ760–1A–48D
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
1.22 max.
(31 max.)
0.032
(0.8)
2 pl
0.054
(1.4)
0.016
(0.4)
0.052
(1.3)
0.452
(11.5)
1.068
(27.1)
0.060
(1.5)
0.032
(0.8)
0.250
(6.4)
2 pl
.130
(3.3)
0.855
(21.7)
4 x ø .070
(1.8)
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ760-1A-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ760-1A-12D AZETTLER-AZ760-1A-12D Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760-1A-12D ZETTLER-AZ760-1A-12D Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ760-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
   20 Amp Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com