Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMY-C190 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMY-C190
Description  Surface Mount Chip LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMY-C190 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMY-C190 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMY-C190 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Package Dimensions
Notes:
1. All dimensions in millimeters (inches).
2. Tolerance is
± 0.1 mm (± 0.004 in.) unless otherwise specified.
3. Polarity for HSMH-C1 x 0 will be the opposite of what is shown on above drawings.
HSMx-C150
HSMx-C170
HSMx-C190
HSMx-C110
3.2 (0.126 )
0.5 (0.020)
0.50 ± 0.2
(0.020 ± 0.008)
0.6 (0.024)
POLARITY[3]
CATHODE
MARK
1.1 (0.043)
0.50 ± 0.2
(0.020 ± 0.008)
2.0 (0.079)
0.8 (0.031)
LED DIE
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.6 (0.063)
(ANODE MARK FOR
HSMH-C150)
CATHODE LINE
2.0 (0.079 )
0.3 (0.012)
0.4 ± 0.15
(0.016 ± 0.006)
0.3 (0.012)
POLARITY[3]
CATHODE
MARK
0.8 (0.031)
0.4 ± 0.15
(0.016 ± 0.006)
1.4
(0.055)
0.62 (0.024)
LED DIE
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.25 (0.049)
(ANODE MARK FOR
HSMH-C170)
CATHODE LINE
1.6
(0.063 )
0.3 (0.012)
0.3 ± 0.15
(0.012 ± 0.006)
0.3 (0.012)
POLARITY[3]
CATHODE
MARK
0.8 (0.031)
0.3 ± 0.15
(0.012 ± 0.006)
1.0
(0.039)
0.4 (0.016)
LED DIE
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINAL
0.8 (0.031)
(ANODE MARK FOR
HSMH-C190)
CATHODE LINE
0.7 (0.028) MIN.
3.2 (0.126 )
0.5 (0.020)
0.8 (0.031)
POLARITY
CATHODE
LINE
1.5 (0.059)
LED DIE
CLEAR
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.0 (0.039)
1.0 (0.039)
2.6 (0.102 )
1.6 (0.063 )
CATHODE LINE
3.2 (0.126 )
(ANODE MARK
FOR HSMH-C110)


Similar Part No. - HSMY-C190

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMY-C190 HP-HSMY-C190 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMY-C190 AVAGO-HSMY-C190 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMY-C190

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com