Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ742S-2A-9D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ742S-2A-9D
Description  8 A DPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ742S-2A-9D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ742S-2A-9D Datasheet HTML 1Page - ZETTLER Electronics AZ742S-2A-9D Datasheet HTML 2Page - ZETTLER Electronics AZ742S-2A-9D Datasheet HTML 3Page - ZETTLER Electronics AZ742S-2A-9D Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2005-08-04
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ742S
* “2A” or “2C” denote silver nickel contacts.
Add suffix “G” at “2A” or “2C” for gold plated silver nickel contacts.
Add suffix “E” at “2A” or “2C” for silver tin oxide contacts.
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
2 Form A
2 Form C
VAC
VAC
VAC
mA ± 10%
Ohm ± 10%
12
9.6
18.0
63.0
100
AZ742S–2A–12A
AZ742S–2C–12A
24
19.2
36.0
31.3
400
AZ742S–2A–24A
AZ742S–2C–24A
48
38.4
72.0
15.6
1,550
AZ742S–2A–48A
AZ742S–2C–48A
60
48.0
90.0
12.5
2,600
AZ742S–2A–60A
AZ742S–2C–60A
110
88.0
165.0
6.8
8,900
AZ742S–2A–110A
AZ742S–2C–110A
115
92.0
172.5
6.5
9,600
AZ742S–2A–115A
AZ742S–2C–115A
120
96.0
180.0
6.3
10,200
AZ742S–2A–120A
AZ742S–2C–120A
220
176.0
330.0
3.4
35,500
AZ742S–2A–220A
AZ742S–2C–220A
230
184.0
345.0
3.3
38,500
AZ742S–2A–230A
AZ742S–2C–230A
240
192.0
360.0
3.1
42,500
AZ742S–2A–240A
AZ742S–2C–240A
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
2 Form A
2 Form C
VDC
VDC
VDC
Ohm ± 10%
3
2.25
7.6
22
AZ742S–2A–3D
AZ742S–2C–3D
5
3.75
12.7
60
AZ742S–2A–5D
AZ742S–2C–5D
6
4.5
15.3
90
AZ742S–2A–6D
AZ742S–2C–6D
9
6.75
22.9
200
AZ742S–2A–9D
AZ742S–2C–9D
12
9.0
30.6
360
AZ742S–2A–12D
AZ742S–2C–12D
18
13.5
45.9
710
AZ742S–2A–18D
AZ742S–2C–18D
24
18.0
61.2
1,440
AZ742S–2A–24D
AZ742S–2C–24D
36
27.0
92.0
3,140
AZ742S–2A–36D
AZ742S–2C–36D
48
36.0
122.0
5,700
AZ742S–2A–48D
AZ742S–2C–48D
60
45.0
153.0
7,500
AZ742S–2A–60D
AZ742S–2C–60D
110
82.5
280.0
25,200
AZ742S–2A–110D
AZ742S–2C–110D
B
A
0
IN= 8 A
10
20
30
40
50
60
70
80
90 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1
2
3
1 - no load on contacts
2 - half of rated load on contacts
3 - rated load on contacts
DC - Coil operating range
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
0
10
203040
5060
708090 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1 - no load on contacts
3 - rated load on contacts
AC - Coil operating range
Ambient temperature [°C]
IN= 8 A
B
1
3
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
A


Similar Part No. - AZ742S-2A-9D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S-2A-110A ZETTLER-AZ742S-2A-110A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S-2A-115A ZETTLER-AZ742S-2A-115A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S-2A-120A ZETTLER-AZ742S-2A-120A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S-2A-220A ZETTLER-AZ742S-2A-220A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S-2A-230A ZETTLER-AZ742S-2A-230A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ742S-2A-9D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com