Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ8P1-1CH-60DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ8P1-1CH-60DE
Description  10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ8P1-1CH-60DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ8P1-1CH-60DE Datasheet HTML 1Page - ZETTLER Electronics AZ8P1-1CH-60DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A) 10 A version only
Ratings
Resistive load:
Form A
Max. switched power:
240 W or 2500 VA
Max. switched current:
10 A
Max. switched voltage: 220 VDC* or 300 VAC
Form C
Max. switched power:
170 W or 1750 VA
Max. switched current:
7 A
Max. switched voltage: 220 VDC* or 300 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory
Rated Load
Form A
10 A at 250 VAC, Resistive [2]
10 A at 24 VDC, Resistive [2]
Form C
7 A at 250 VAC, Res., 50k cycles [1]
5 A at 250 VAC, Res., 100k cycles [1]
Material
Silver nickel [1] or silver tin oxide [2]
Resistance
< 100 milliohms initially
AZ8P
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2006-01-12
10 A MINIATURE
POWER RELAY
BISTABLE (LATCHING)
FEATURES
• Dielectric strength 4000 Vrms
• Clearance and creepage distance >3.5 mm
• Tracking index CTI 250
• Single coil latching
• Epoxy sealed
• 7 Amp switching
• 10 Amp version (1 Form A only) available
• UL, CUR file E43203
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
2 x 107
Electrical
Form A
1 x 105 at 10 A, 250 VAC
Form C
1 x 105 at 5 A, 250 VAC
Set Time (typical)
5 ms at nominal coil voltage
Recommended coil pulse: 20 ms
Reset Time (typical)
6 ms at reset voltage
Recommended coil pulse: 20 ms
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Surge Voltage
Coil to contact
5,000V (at 1.2x50 µs)
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" DA at 10–55 Hz, 10 g at 10–50 Hz
Shock
10 g operating, 100 g damage
Enclosure
P.E.T. polyester, UL-94: V0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
Packing unit in pcs
25 per plastic tube / 400 per carton box
COIL
Power
At Pickup Voltage
700 mW
(typical)
Max. Continuous
Dissipation
1.3 W 20°C (68°F) ambient
Temperature Rise
138°C (248°F) at nominal coil voltage
Temperature
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
AZ8P1-1CH-24DE
ZETTLER


Similar Part No. - AZ8P1-1CH-60DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P1-1CH-60DE ZETTLER-AZ8P1-1CH-60DE Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
More results

Similar Description - AZ8P1-1CH-60DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com