Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2364IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2364IDR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2364IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2364IDR Datasheet HTML 5Page - Texas Instruments OPA2364IDR Datasheet HTML 6Page - Texas Instruments OPA2364IDR Datasheet HTML 7Page - Texas Instruments OPA2364IDR Datasheet HTML 8Page - Texas Instruments OPA2364IDR Datasheet HTML 9Page - Texas Instruments OPA2364IDR Datasheet HTML 10Page - Texas Instruments OPA2364IDR Datasheet HTML 11Page - Texas Instruments OPA2364IDR Datasheet HTML 12Page - Texas Instruments OPA2364IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
9
www.ti.com
ENABLE FUNCTION
The shutdown (enable) function of the OPA363 is referenced
to the negative supply voltage of the operational amplifier. A
logic level HIGH enables the op amp. A valid logic HIGH is
defined as voltage > 75% of the positive supply applied to the
enable pin. The valid logic HIGH signal can be as much as
5.5V above the negative supply, independent of the positive
supply voltage. A valid logic LOW is defined as < 0.8V above
the negative supply pin. If dual or split power supplies are
used, care should be taken to ensure logic input signals are
properly referred to the negative supply voltage. This pin
should be connected to a valid high or low voltage or driven,
not left open circuit.
The logic input is a high-impedance CMOS input. Dual op
amps are provided separate logic inputs. For battery-oper-
ated applications, this feature may be used to greatly reduce
the average current and extend battery life. The enable time
is 20
µs; disable time is 1µs. When disabled, the output
assumes a high-impedance state. This allows the OPA363 to
be operated as a “gated” amplifier, or to have its output
multiplexed onto a common analog output bus.
CAPACITIVE LOAD
The OPA363 and OPA364 series op amps can drive a wide
range of capacitive loads. However, all op amps under
certain conditions may become unstable. Op amp configura-
tion, gain, and load value are just a few of the factors to
consider when determining stability. An op amp in unity-gain
configuration is the most susceptible to the effects of capaci-
tive load. The capacitive load reacts with the output resis-
tance of the op amp to create a pole in the small-signal
response, which degrades the phase margin.
In unity gain, the OPA363 and OPA364 series op amps
perform well with a pure capacitive load up to approximately
1000pF. The ESR (Equivalent Series Resistance) of the
loading capacitor may be sufficient to allow the OPA363 and
OPA364 to directly drive very large capacitive loads (> 1
µF).
Increasing gain enhances the amplifier’s ability to drive more
capacitance. See the typical characteristic “Small-Signal Over-
shoot vs Capacitive Load.”
One method of improving capacitive load drive in the unity-
gain configuration is to insert a 10
Ω to 20Ω resistor in series
with the output, as shown in Figure 3. This significantly
reduces ringing with large capacitive loads. However, if there
is a resistive load in parallel with the capacitive load, it
creates a voltage divider introducing a dc error at the output
and slightly reduces output swing. This error may be insignifi-
cant. For instance, with RL = 10kΩ and RS = 20Ω, there is
only about a 0.2% error at the output.
INPUT AND ESD PROTECTION
All OPA363 and OPA364 pins are static protected with
internal ESD protection diodes tied to the supplies. These
diodes will provide overdrive protection if the current is
externally limited to 10mA, as stated in the absolute maxi-
mum ratings and shown in Figure 4.
ACHIEVING OUTPUT SWING TO
THE OP AMP’S NEGATIVE RAIL
Some applications require an accurate output voltage swing
from 0V to a positive full-scale voltage. A good single supply op
amp may be able to swing within a few mV of single supply
ground, but as the output is driven toward 0V, the output stage
of the amplifier will prevent the output from reaching the
negative supply rail of the amplifier.
The output of the OPA363 or OPA364 can be made to swing to
ground, or slightly below, on a single supply power source. To do
so requires use of another resistor and an additional, more
negative power supply than the op amp’s negative supply. A
pulldown resistor may be connected between the output and the
additional negative supply to pull the output down below the value
that the output would otherwise achieve as shown in Figure 5.
FIGURE 3. Improving Capacitive Load Drive.
FIGURE 4. Input Current Protection.
FIGURE 5. OPA363 and OPA364 Swing to Ground.
10
Ω to
20
V+
V
IN
V
OUT
R
S
R
L
C
L
OPAx363
OPAx364
V
OUT
R
P = 10kΩ
500
µA
OPA363
OPA364
V
IN
V+ = +5V
Op Amp’s
Negative
Supply
Grounded
–V = –5V
(Additional
Negative Supply)
5k
OPAx363
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
This technique will not work with all op amps. The output
stage of the OPA363 and OPA364 allows the output voltage
to be pulled below that of most op amps, if approximately
500
µA is maintained through the output stage. To calculate
the appropriate value load resistor and negative supply,
RL = –V/500µA. The OPA363 and OPA364 have been
characterized to perform well under the described conditions,
maintaining excellent accuracy down to 0V and as low as
–10mV. Limiting and nonlinearity occur below –10mV, with
linearity returning as the output is again driven above
–10mV.


Similar Part No. - OPA2364IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2364IDR TI-OPA2364IDR Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA2364IDRG4 TI-OPA2364IDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA2364IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com