Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2822-BLKG Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMS-2822-BLKG
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2822-BLKG Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMS-2822-BLKG Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2822-BLKG Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Surface Mount RF Schottky
Barrier Diodes
Technical Data
HSMS-282x Series
Features
• Low Turn-On Voltage
(As Low as 0.34 V at 1 mA)
• Low FIT (Failure in Time)
Rate*
• Six-sigma Quality Level
• Single, Dual and Quad
Versions
• Unique Configurations in
Surface Mount SOT-363
Package
– increase flexibility
– save board space
– reduce cost
• HSMS-282K Grounded
Center Leads Provide up to
10 dB Higher Isolation
• Matched Diodes for
Consistent Performance
• Better Thermal Conductivity
for Higher Power Dissipation
• Lead-free Option Available
*
For more information see the
Surface Mount Schottky
Reliability Data Sheet.
Description/Applications
These Schottky diodes are
specifically designed for both
analog and digital applications.
This series offers a wide range of
specifications and package
configurations to give the
designer wide flexibility. Typical
applications of these Schottky
diodes are mixing, detecting,
switching, sampling, clamping,
Package Lead Code Identification, SOT-23/SOT-143
(Top View)
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
12
3
12
34
RING
QUAD
#7
12
34
BRIDGE
QUAD
#8
12
34
CROSS-OVER
QUAD
#9
12
34
12
3
12
3
12
3
Package Lead Code Iden-
tification, SOT-323
(Top View)
Package Lead Code Iden-
tification, SOT-363
(Top View)
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
COMMON
CATHODE QUAD
M
UNCONNECTED
TRIO
L
BRIDGE
QUAD
P
COMMON
ANODE QUAD
N
RING
QUAD
R
12
3
65
4
HIGH ISOLATION
UNCONNECTED PAIR
K
12
3
65
4
12
3
65
4
12
3
65
4
12
3
65
4
12
3
65
4
and wave shaping. The
HSMS-282x series of diodes is the
best all-around choice for most
applications, featuring low series
resistance, low forward voltage at
all current levels and good RF
characteristics.
Note that Agilent’s manufacturing
techniques assure that dice found
in pairs and quads are taken from
adjacent sites on the wafer,
assuring the highest degree of
match.


Similar Part No. - HSMS-2822-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2822-BLKG AVAGO-HSMS-2822-BLKG Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-2822-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com