Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P85C220-80 Datasheet(PDF) 9 Page - Altera Corporation

Part # P85C220-80
Description  Classic EPLDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

P85C220-80 Datasheet(HTML) 9 Page - Altera Corporation

Back Button P85C220-80 Datasheet HTML 5Page - Altera Corporation P85C220-80 Datasheet HTML 6Page - Altera Corporation P85C220-80 Datasheet HTML 7Page - Altera Corporation P85C220-80 Datasheet HTML 8Page - Altera Corporation P85C220-80 Datasheet HTML 9Page - Altera Corporation P85C220-80 Datasheet HTML 10Page - Altera Corporation P85C220-80 Datasheet HTML 11Page - Altera Corporation P85C220-80 Datasheet HTML 12Page - Altera Corporation P85C220-80 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Altera Corporation
9
EP220 & EP224 Classic EPLDs
Figure 3. EP220 & EP224 AC Test Circuits
Test programs are used and then erased during the early stages of the
device production flow. EPROM-based devices in one-time-
programmable, windowless packages also contain on-board logic test
circuitry to allow verification of function and AC specifications during the
production flow.
Software &
Programming
Support
The EP220 is supported by the Altera MAX+PLUS II development
software, Altera programming hardware, and third-party hardware. Both
the EP220 and EP224 are supported by the Altera PLDshell Plus design
software, third-party logic compilers (e.g., ABEL, CUPL, PLDesigner,
LOG/IC, and iPLS II), and third-party programming hardware (e.g., Data
I/O).
f For more information on software support with PLDshell Plus, go to the
PLDshell Plus/PLDasm User’s Guide
(available from the Altera
Literature Department). For more information on MAX+PLUS II, go to
the MAX+PLUS II Programmable Logic Development System & Software Data
Sheet in the Altera 1995 Data Book , or refer to MAX+PLUS II Help. Go to
the Programming Hardware Data Sheet and the Programming Hardware
Manufacturers Data Sheet in the Altera 1995 Data Book for information on
Altera and third-party programming hardware support.
Power-supply transients can affect AC
measurements. Simultaneous transitions of
multiple outputs should be avoided for
accurate measurement. Threshold tests
must not be performed under AC
conditions. Large-amplitude, fast ground-
current transients normally occur as the
device outputs discharge the load
capacitances. When these transients flow
through the parasitic inductance between
the device ground pin and the test-system
ground, significant reductions in observable
noise immunity can result. Numbers in
parentheses are for the EP224 device.
VCC
C1 (includes
JIG capacitance)
165
(330
Ω)
Device
Output
120
(200
Ω)
to Test
System


Similar Part No. - P85C220-80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P85C220-80 INTEL-P85C220-80 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - P85C220-80

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
   PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
   ÖLFLEX CLASSIC 110
03.03.2023
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
   Bluetooth짰 Classic module
Rev 7 - May 2018
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
   CLASSIC II CABINET
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
   Classic PL Desk Lamps
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
   BT 2025 Classic V2
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
   Adapter - EM RI-ADAPTER CLASSIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com