Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D85C220-80 Datasheet(PDF) 8 Page - Altera Corporation

Part # D85C220-80
Description  Classic EPLDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

D85C220-80 Datasheet(HTML) 8 Page - Altera Corporation

Back Button D85C220-80 Datasheet HTML 4Page - Altera Corporation D85C220-80 Datasheet HTML 5Page - Altera Corporation D85C220-80 Datasheet HTML 6Page - Altera Corporation D85C220-80 Datasheet HTML 7Page - Altera Corporation D85C220-80 Datasheet HTML 8Page - Altera Corporation D85C220-80 Datasheet HTML 9Page - Altera Corporation D85C220-80 Datasheet HTML 10Page - Altera Corporation D85C220-80 Datasheet HTML 11Page - Altera Corporation D85C220-80 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Altera Corporation
EP220 & EP224 Classic EPLDs
Power-On
Characteristics
The EP220 and EP224 inputs and outputs respond a maximum of 1
µs
after VCC power-up (VCC = 4.75 V), or after a power-loss/power-up
sequence. All macrocells that are programmed as registers are set to a
logic low on power-up.
Design Security
EP220 and EP224 devices contain a programmable Security Bit that
controls access to the data programmed into the device. When this bit is
turned on, a proprietary design implemented in the device cannot be
copied or retrieved. This feature provides a high level of design security,
because programmed data within EPROM cells is invisible. The Security
Bit that controls this function, as well as all other program data, is reset
when a device is erased.
Turbo Bit
The -10A and -12 speed grades of the EP220 and EP224 devices contain a
programmable Turbo Bit to control the automatic power-down feature
that enables the low-standby-power mode (ICC). When the Turbo Bit is
turned on, the low-standby-power mode is disabled. All AC values are
tested with the Turbo Bit turned on. When the device is operating with the
Turbo Bit turned off (non-turbo mode), a non-turbo adder must be added
to the appropriate AC parameter to determine worst-case timing. The
non-turbo adder is specified in the “AC Operating Conditions” tables in
this data sheet.
Generic Testing
EP220 and EP224 devices are fully functionally tested and guaranteed.
Complete testing of each programmable EPROM configuration element
and all internal logic elements ensures 100% programming yield. Figure 3
shows AC test conditions.
Texas Instruments,
Inc.
(continued)
TIBPAL16L8
EP220-12
-12
TIBPAL16R6
TIBPAL16R8
TIBPAL20L8
EP224-12
TIBPAL20R6
TIBPAL20R8
Table 1. EP220- and EP224-Compatible Devices (Part 4 of 4)
PAL/GAL Vendor
PAL/GAL Device
Altera Replacement
Device
Speed
Grade


Similar Part No. - D85C220-80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D85C220-80 INTEL-D85C220-80 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - D85C220-80

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
   PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
   ÖLFLEX CLASSIC 110
03.03.2023
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
   Bluetooth짰 Classic module
Rev 7 - May 2018
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
   CLASSIC II CABINET
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
   Classic PL Desk Lamps
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
   BT 2025 Classic V2
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
   Adapter - EM RI-ADAPTER CLASSIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com