Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-282E-TR1G Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSMS-282E-TR1G
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-282E-TR1G Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSMS-282E-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMS-282E-TR1G Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Package Dimensions
Part Number Ordering Information
No. of
Part Number
Devices
Container
HSMS-282x-TR2 *
10000
13" Reel
HSMS-282x-TR1 *
3000
7" Reel
HSMS-282x-BLK *
100
antistatic bag
x = 0, 2, 3, 4, 5, 7, 8, 9, B, C, E, F, K, L, M, N, P or R
For lead-free option, the part number will have the
character "G" at the end, eg. HSMS-282x-TR2G for a
10,000 lead-free reel.
Outline 23 (SOT-23)
Outline 143 (SOT-143)
3
1
2
SIDE VIEW
TOP VIEW
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
0.60 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
1.02 (0.041)
0.85 (0.033)
0.152 (0.006)
0.066 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
0.69 (0.027)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.60 (0.024)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
0.10 (0.004)
0.013 (0.0005)
1.04 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
2.04 (0.080)
1.78 (0.070)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.15 (0.006)
0.09 (0.003)
3.06 (0.120)
2.80 (0.110)
PACKAGE
MARKING
CODE (XX)
43
1
2
X X X
DATE CODE (X)
Outline SOT-363 (SC-70 6 Lead)
Outline SOT-323 (SC-70 3 Lead)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)


Similar Part No. - HSMS-282E-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282E-TR1G AVAGO-HSMS-282E-TR1G Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-282E-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com