Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMG-C177 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMG-C177
Description  Surface Mount Chip LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-C177 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMG-C177 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMG-C177 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Surface Mount Chip LEDs
Technical Data
HSMx-C110/C120/C150/
C170/C177/C190/C191/
C197/C265
Features
• Small Size
• Industry Standard Footprint
• Compatible with IR Solder
• Diffused Optics
• Operating Temperature
Range of -30
°C to +85°C
• Right Angle & Reverse
Mount Package Available
• Various Colors Available
• Available in 8 mm Tape on
7 in. (178 mm) Diameter
Reels
Applications
• Keypad Backlighting
• Push-Button Backlighting
• LCD Backlighting
• Symbol Backlighting
• Front Panel Indicator
Description
These chip LEDs are designed
in an industry standard package
for ease of handling and use.
Various different LED colors are
available in nine compact, single
color packages.
The HSMx-C150 has the industry
standard 3.2 x 1.6 mm footprint
that is excellent for all around use.
The HSMx-C170 has the widely
used 2.0 x 1.25 mm footprint with
0.8 mm profile. The HSMx-C177
has the widely used 2.0 x 1.25 mm
footprint with 0.4 mm profile. The
HSMx-C19x series has the industry
standard 1.6 x 0.8 mm footprint
with varying profile to suit
designers needs, the HSMx-C190
has 0.8 mm profile, the HSMx-
C191 has a low profile of 0.6 mm,
and the HSMx-C197 has the ultra
low profile of 0.4 mm. This family
with its thin profile and wide
viewing angle makes this LED
exceptional for backlighting
applications.
The HSMx-C110 is a right angle
package with the universally
accepted dimensions of 3.2 x 1.0
x 1.5 mm. The HSMx-C120 is a
smaller right angle package with
industry standard 1.6 x 0.6 x 1.0
mm. HSMx-C265 is a reverse
mount package with dimensions
of 3.4 x 1.25 x 1.1 mm. These
devices are ideal for LCD
backlighting and sidelighting
applications.
In order to facilitate pick and
place operation, these chip LEDs
are shipped in tape and reel with
4000 units per reel for HSMx-
C120, C170, C177, C190, C191,
C197 packages, and 3000 units
per reel for HSMx-C110, C150,
C265 packages.
All packages are compatible with
IR reflow solder processes. The
small size and wide viewing angle
make these LEDs prime choices
for backlighting applications and
front panel illumination especially
where space is a premium.


Similar Part No. - HSMG-C177

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C177 AVAGO-HSMG-C177 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMG-C177

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com