Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMG-C150 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMG-C150
Description  Surface Mount Chip LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMG-C150 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMG-C150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMG-C150 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 8. Relative Intensity vs. Angle for HSMx-C150, C170, C190, C191 and C265.
Figure 10. Recommended Pb-Free Reflow Soldering Profile.
1.00
0
ANGLE
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-70
-50
-30
0
20 305070
90
-90
-20
-80
-60
-40
-10
10
40
60
80
Figure 7. Relative Intensity vs. Angle for HSMx-C177 and C197.
100
0
ANGLE
80
60
50
70
20
10
30
40
90
-70
-50
-30
0
20 305070
90
-90
-20
-80
-60
-40
-10
10
40
60
80
Figure 11. Recommended Soldering
Pattern for HSMx-C150.
1.5 (0.059)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
Figure 13. Recommended Soldering
Pattern for HSMx-C190, C191 and C197.
0.8 (0.031)
0.8
(0.031)
0.7
(0.028)
0.8
(0.031)
Figure 12. Recommended Soldering
Pattern for HSMx-C170 and C177.
1.2 (0.047)
1.2
(0.047)
0.9
(0.035)
1.2
(0.047)
230°C MAX.
10 SEC. MAX.
4°C/SEC.
MAX.
OVER 2 MIN.
TIME
4°C/SEC. MAX.
140-160°C
3°C/SEC. MAX.
Figure 9. Recommended Reflow Soldering Profile.
217 °C
MAX. 120 SEC.
6 °C/SEC. MAX.
3 °C/SEC. MAX.
100 - 150 °C
255 °C (+5/-0)
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25 °C TO PEAK TEMPERATURE = 6 MINUTES MAX.


Similar Part No. - HSMG-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMG-C150 HP-HSMG-C150 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C150 AVAGO-HSMG-C150 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMG-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com