Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH010512SN7T Datasheet(PDF) 2 Page - Texas Instruments

Part # DCH010512SN7T
Description  MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCH010512SN7T Datasheet(HTML) 2 Page - Texas Instruments

  DCH010512SN7T Datasheet HTML 1Page - Texas Instruments DCH010512SN7T Datasheet HTML 2Page - Texas Instruments DCH010512SN7T Datasheet HTML 3Page - Texas Instruments DCH010512SN7T Datasheet HTML 4Page - Texas Instruments DCH010512SN7T Datasheet HTML 5Page - Texas Instruments DCH010512SN7T Datasheet HTML 6Page - Texas Instruments DCH010512SN7T Datasheet HTML 7Page - Texas Instruments DCH010512SN7T Datasheet HTML 8Page - Texas Instruments DCH010512SN7T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
DCH01 Series
SBVS073C – MAY 2006 – REVISED AUGUST 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
data sheet, or see the TI website at www.ti.com.
Part Numbering Scheme
INPUT
OUTPUT
PIN
TRANSPORT
PRODUCT LINE
POWER
VOLTAGE
VOLTAGE
SINGLE/DUAL
PACKAGE
CONFIG
MEDIA
DCH
01
05
05
S
N
7
H = 3kV, unregulated output
01 = 1W
05 = 5V
05 = 5V
S = Single
N = SIP Thru-hole
7 = SIP-7
Blank = Tray
12 =12V
D = Dual
T = Tape & Reel
15 = 15V
DCH01 Products
OUTPUT
OUTPUT
ISOLATION
INPUT VOLTAGE
VOLTAGE
CURRENT
OUTPUT POWER
VOLTAGE
MODEL
(V)
(V)
(mA)
(W)
(kVDC)
PACKAGE-LEAD
DCH010505S
5
± 10%
5
200
1
3
SIP-7
DCH010512S
5
± 10%
12
83
1
3
SIP-7
DCH010515S
5
± 10%
15
67
1
3
SIP-7
DCH010505D
5
± 10%
±5
±100
1
3
SIP-7
DCH010512D
5
± 10%
±12
±42
1
3
SIP-7
DCH010515D
5
± 10%
±15
±33
1
3
SIP-7
over operating free-air temperature range (unless otherwise noted) (1)
DCH01 SERIES
UNIT
Input Voltage
5V input models
7
V
Storage temperature range
–40 to +125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback


Similar Part No. - DCH010512SN7T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCH010512SN7 TI1-DCH010512SN7 Datasheet
417Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
JANUARY2009
More results

Similar Description - DCH010512SN7T

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
   1W 3KV Isolated Miniature Dual Output DC/DC Converters
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com