Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARE1306Z Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ARE1306Z
Description  2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARE1306Z Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ARE1306Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARE1306Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARE1306Z Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
77
RE-RELAYS
2.6 GHz 75
Ω RELAYS FOR
BROADCASTING INDUSTRY
20.2
.795
11.2
.441
8.9
.350
9.6
.378
11.2
.441
20.2
.795
mm inch
FEATURES
• Excellent high frequency characteris-
tics (Impedance 75
Ω)
Frequency
900MHz
2.6GHz
V.S.W.R.
(Max.)
1.2
1.5
Insertion loss
(dB, Max.)
0.2
0.5
Isolation
(dB, Min.)
60
30
• Surface-mount terminal type also
available
SPECIFICATIONS
Contact
Coil (at 20
°C, 68°F)
Characteristics
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Nominal operating voltage applied to the coil, excluding contact bounce time.
*4 By resistive method, nominal voltage applied to the coil: Contact carrying power:
10W, at 2.6GHz, Impedance 75
Ω, V.S.W.R. & 1.5
*5 Half-wave pulse of sine wave: 11ms, detection time: 10µs.
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in NOTES
Arrangement
1 Form C
Contact material
Gold
Initial contact resistance
Max. 100m
Rating
Contact rating
1W
(at 2.6 GHz, Impedance
75
Ω, V.S.W.R. Max.1.5)
10mA 24V DC
(resistive load)
Contact carrying power
10W (at 2.6GHz,
Impedance 75
Ω,
V.S.W.R. Max.1.5)
Max. switching voltage
30 V DC
Max. switching current
0.5 A DC
High frequency
characteristics
(Impedance
75
Ω)
V.S.W.R.
Max. 1.2 (to 900MHz)
Max. 1.5 (to 2.6GHz)
Insertion loss
Max. 0.2 (to 900MHz)
Max. 0.5 (to 2.6GHz)
Isolation
Min. 60dB (to 900MHz)
Min. 30dB (to 2.6GHz)
Expected life
(min. opera-
tions)
Mechanical (at 180 cpm)
106
Electrical
1W, 2.6GHz,
Impedance 75
Ω,
V.S.W.R. & 1.5
3
×105
10mA 24V DC
(resistive load)
(at 20cpm)
3
×105
Nominal operating power
200 mW
Initial insulation resistance*1
Min. 100 M
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open contacts
500 Vrms
Between contact and coil
1,000 Vrms
Between contact and
ground terminal
500 Vrms
Operate time*3 (at 20
°C)
Max. 10ms
Release time (without diode)*3 (at 20°C)
Max. 5ms
Temperature rise (at 20
°C)*4
Max. 60
°C
Shock resistance
Functional*5
Min. 500 m/s2{50 G}
Destructive*6
Min. 1,000 m/s2{100 G}
Vibration resistance
Functional*7
10 to 55 Hz at double
amplitude of 3 mm
Destructive
10 to 55 Hz at double
amplitude of 5 mm
Conditions for operation,
transport and storage*8
(Not freezing and condensing
at low temperature)
Ambient
temp.
–40
°C to 60°C
–40
°F to 140°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 5 g .18 oz
TYPICAL APPLICATIONS
Broadcasting market
• Set Top Box (CS/BS tuner, CATV tuner)
• Multi-function TV
• Measuring instruments for broadcasting
ORDERING INFORMATION
Ex.
Contact
arrangement
Operating
function
1: 1 Form C
3: Single side
stable type
Terminal shape
Nil:
A:
Standard PC board
terminal
Surface-mount
terminal
Coil voltage
(DC)
03: 3 V
4H: 4.5 V
06: 6 V
09: 9 V
12: 12 V
24: 24 V
Packing style
Nil:
Z:
Carton (PC board terminal)
Tube (Surface-mount
terminal)
Tape and reel packing
(picked from 1/7 pin side)
ARE
1
3
Note: Tape and reel packing symbol “-Z” is not marked on the relay.
“X type tape and reel packing (picked from 8/9/10/11/12/13/14-pin side) is also availabe.
Suffix “X” instead of “Z”.
re.fm
77
y [ W
QOOQNR
PQœ@˛jœ@
ªS
PX“


Similar Part No. - ARE1306Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE13A03NIL PANASONIC-ARE13A03NIL Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A03Z PANASONIC-ARE13A03Z Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A06NIL PANASONIC-ARE13A06NIL Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A06Z PANASONIC-ARE13A06Z Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A09NIL PANASONIC-ARE13A09NIL Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results

Similar Description - ARE1306Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Johanson Technology Inc...
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com