Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP220-7 Datasheet(PDF) 1 Page - Altera Corporation

Part # EP220-7
Description  Classic EPLDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP220-7 Datasheet(HTML) 1 Page - Altera Corporation

  EP220-7 Datasheet HTML 1Page - Altera Corporation EP220-7 Datasheet HTML 2Page - Altera Corporation EP220-7 Datasheet HTML 3Page - Altera Corporation EP220-7 Datasheet HTML 4Page - Altera Corporation EP220-7 Datasheet HTML 5Page - Altera Corporation EP220-7 Datasheet HTML 6Page - Altera Corporation EP220-7 Datasheet HTML 7Page - Altera Corporation EP220-7 Datasheet HTML 8Page - Altera Corporation EP220-7 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
®
Altera Corporation
1
EP220 & EP224
Classic EPLDs
May 1995, ver. 1
Data Sheet
A-ds-220/224-01
Features
s
High-performance, low-power Erasable Programmable Logic
Devices (EPLDs) with 8 macrocells
Combinatorial speeds as low as 7.5 ns
Counter frequencies of up to 100 MHz
Pipelined data rates of up to 115 MHz
Maximum 5.5-ns Clock-to-output time; minimum 4.5-ns setup
time
s
Replacement or upgrade for 16V8/20V8 PAL and GAL devices
s
Up to 18 inputs (10 dedicated inputs) in EP220, 22 inputs (14
dedicated inputs) in EP224; up to 8 outputs in both EP220 and EP224
s
Macrocells independently programmable for both registered and
combinatorial logic
s
Programmable inversion control supporting active-high or active-
low outputs
s
Low power consumption
Typical ICC = 90 mA at 25 MHz (for -7A speed grades)
Quarter-power mode (ICC = 40 mA)
Programmable zero-power mode with typical ICC = 50 µA
(for -10A and -12 speed grades)
s
Programmable Security Bit for total protection of proprietary designs
s
Low output skew for Clock driver applications
s
100% generically tested to provide 100% programming yield
s
Software and programming support from Altera and a wide range of
third-party tools
s
Available in windowed ceramic and one-time-programmable (OTP)
plastic packages
20-pin plastic J-lead package (PLCC)
20-pin ceramic and plastic dual in-line packages (CerDIP and
PDIP)
24-pin PDIP
28-pin PLCC
General
Description
The EPROM-based EP220 and EP224 devices feature a flexible I/O
architecture and implement 150 usable (300 available) gates of custom
user logic functions. EP220 and EP224 devices can be used as upgrades for
high-speed bipolar programmable logic devices (PLDs) or for 74-series LS
and CMOS (SSI and MSI) logic devices in high-performance
microcomputer systems.


Similar Part No. - EP220-7

ManufacturerPart #DatasheetDescription
logo
NEC
EP2 NEC-EP2 Datasheet
926Kb / 7P
   Miniature Relays
logo
SAB North America
EP2-11 SAB-EP2-11 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-11L SAB-EP2-11L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13 SAB-EP2-13 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EP2-13L SAB-EP2-13L Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EP220-7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
   PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
   ÖLFLEX CLASSIC 110
03.03.2023
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
   Bluetooth짰 Classic module
Rev 7 - May 2018
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
   CLASSIC II CABINET
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
   Classic PL Desk Lamps
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
   BT 2025 Classic V2
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
   Adapter - EM RI-ADAPTER CLASSIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com