Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARE13A12 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ARE13A12
Description  2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARE13A12 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ARE13A12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARE13A12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARE13A12 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RE
78
TYPES AND COIL DATA (at 20
°C 68°F)
• Packing of standard PC board terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
• Packing of surface-mount terminal: 25 pcs. in an inner package (tube); 200 pcs. in an outer package
400 pcs. in an inner package (tape and reel); 800 pcs. in an outer package
Standard
PC board
terminal
Surface-mount
terminal
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
(initial)
Drop-out
voltage, V DC
(min.)(initial)
Coil resistance,
Ω (±10%)
Nominal
operating current,
mA (
±10%)
Nominal oper-
ating power,
mW
Max. allowable
voltage, V DC
ARE1303
ARE13A03
3
2.25
0.3
45
66.7
200
3.3
ARE134H
ARE13A4H
4.5
3.375
0.45
101
44.4
200
4.95
ARE1306
ARE13A06
6
4.5
0.6
180
33.3
200
6.6
ARE1309
ARE13A09
9
6.75
0.9
405
22.2
200
9.9
ARE1312
ARE13A12
12
9
1.2
720
16.7
200
13.2
ARE1324
ARE13A24
24
18
2.4
2,880
8.3
200
26.4
DIMENSIONS
mm inch
1. Standard PC board terminal
General tolerance:
±0.3 ±.012
2.54
.100
0.5
.020
(2.09)
(.082)
7.62
.300
(1.49)
(.059)
Stand off
11.2
.441
8.6
.339
0.3
.012
3.0
.118
0.3
.012
0.3
.012
20.2
.795
Schematic (Bottom view)
(Deenergized condition)
NC
Direction indication
COM
NO
8
9
10
11
12
13
14
7
1
2. Surface mount terminal
General tolerance:
±0.3 ±.012
20.2
.795
2.54
.100
0.5
.020
(2.09)
(.082)
7.62
.300
(1.49)
(.059)
11.2
.441
(0.7)
(.028)
(1.3)
(.511)
8.6
.339
0.3
.012
9.6
.378
13.2 ±0.5
.520 ±.020
0.3
.012
0.3
.012
Schematic (Top view)
(Deenergized condition)
NO
COM
NC
17
8
11 10 9
12
13
14
Direction indication
REFERENCE DATA
1. High frequency characteristics
(Standard PC board terminal)
• V.S.W.R. characteristics
• Insertion loss characteristics
• Isolation characteristics
1
1.9
2.0
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
900MHz
3GHz
COM-NC
COM-NO
Frequency
1.0
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
900MHz
3GHz
COM-NC
COM-NO
Frequency
100
10
0
20
30
40
50
60
70
80
90
900MHz
3GHz
COM-NO
COM-NC
Frequency
re.fm
78
y [ W
QOOQNR
Uœ@
jœ@
ªX
SQ“


Similar Part No. - ARE13A12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE13A12NIL PANASONIC-ARE13A12NIL Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
ARE13A12Z PANASONIC-ARE13A12Z Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results

Similar Description - ARE13A12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Johanson Technology Inc...
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com