Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1004-1.2BL Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1004-1.2BL
Description  MICROPOWER VOLTAGE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1004-1.2BL Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1004-1.2BL Datasheet HTML 1Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 2Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 3Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 4Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 5Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 6Page - Advanced Monolithic Systems AMS1004-1.2BL Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS1004-1.2
Monolithic
MICROPOWER VOLTAGE REFERENCE
Systems
FEATURES
APPLICATIONS
•• ±4 mV (±0.3%) max. initial tolerance (A grade)
•• Battery Powered Systems
•• Operating Current 10µµA to 20mA
•• Instrumentation
•• Low Voltage Reference 1.235V
•• A/D, D/A Converters
•• Max. 0.6Ω
Ω Dynamic Impedance (A grade)
•• Temperature measurement
•• Low Temperature Coefficient
•• Current sources
•• 2.5V Device also available, AMS1004-2.5
•• Notebook/Personal Computer
•• Monitors/ VCR/ TV
•• Pagers
GENERAL DESCRIPTION
The AMS1004-1.2 is a two-terminal micropower band-gap voltage reference diode. It features a very low dynamic impedance
and good temperature coefficient, operating over a 10µA to 20mA current range. On-chip trimming is used to provide tight
voltage tolerance. Since the AMS1004-1.2 is a band-gap reference, uses only transistors and resistors, low noise and good
long term stability result. Careful design of the AMS1004-1.2 has made the device exceptionally tolerant of capacitive
loading, making it easy to use in almost any reference application. The wide dynamic operating range allows its use with
widely varying supplies with excellent regulation. The extremely low power drain of the AMS1004-1.2 makes these reference
diodes useful for micropower circuitry. This voltage reference can be used to make portable meters, regulators or general
purpose analog circuitry with battery life approaching shelf life.
Further more, the wide operating current allows it to replace older references with a tight tolerance part, making it attractive
for use in systems where accuracy was previously obtained at the expense of power consumption and trimming.
The AMS1004-1.2 is operational over a temperature range of 0
°C to 70°C and is available in TO-92, SO-8 and SOT-89
packages. For extended temperature range contact factory.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
TEMPERATURE RANGE
±
4mV
AMS1004-1.2AN
AMS1004-1.2AS
AMS1004-1.2AL
0 to 70
° C
±
15mV AMS1004-1.2BN
AMS1004-1.2BS
AMS1004-1.2BL
0 to 70
° C


Similar Part No. - AMS1004-1.2BL

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-1.2BL ADMOS-AMS1004-1.2BL Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - AMS1004-1.2BL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com