Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC258D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC258D
Description  Quad 2-input multiplexer; 3-state; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC258D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC258D Datasheet HTML 2Page - NXP Semiconductors 74HC258D Datasheet HTML 3Page - NXP Semiconductors 74HC258D Datasheet HTML 4Page - NXP Semiconductors 74HC258D Datasheet HTML 5Page - NXP Semiconductors 74HC258D Datasheet HTML 6Page - NXP Semiconductors 74HC258D Datasheet HTML 7Page - NXP Semiconductors 74HC258D Datasheet HTML 8Page - NXP Semiconductors 74HC258D Datasheet HTML 9Page - NXP Semiconductors 74HC258D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 02
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see chapter
“HCMOS family characteristics”, section “Family specifications”.
Output capability: bus driver.
ICC category: MSI.
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in Table 1.
Table 1
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF.
INPUT
UNIT LOAD COEFFICIENT
nI0
0.50
nI1
0.50
OE
1.50
S
1.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay;
nI0 to nY; nI1 to nY
16
27
34
41
ns
4.5
see Fig.6
propagation delay;
StonY
19
34
43
51
ns
4.5
see Fig.6
tPZH/tPZL
3-state output enable
time; OE to nY
18
30
38
45
ns
4.5
see Fig.7
tPHZ/tPLZ
3-state output disable
time; OE to nY
17
30
38
45
ns
4.5
see Fig.7
tTHL/tTLH
output transition time
512
15
18
ns
4.5
see Fig.6


Similar Part No. - 74HC258D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258D NXP-74HC258D Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
74HC258DB NXP-74HC258DB Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
More results

Similar Description - 74HC258D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
   Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com