Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1324F Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1324F
Description  2-Mb (128K x 18) Flow-Through Sync SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1324F Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1324F Datasheet HTML 1Page - Cypress Semiconductor CY7C1324F Datasheet HTML 2Page - Cypress Semiconductor CY7C1324F Datasheet HTML 3Page - Cypress Semiconductor CY7C1324F Datasheet HTML 4Page - Cypress Semiconductor CY7C1324F Datasheet HTML 5Page - Cypress Semiconductor CY7C1324F Datasheet HTML 6Page - Cypress Semiconductor CY7C1324F Datasheet HTML 7Page - Cypress Semiconductor CY7C1324F Datasheet HTML 8Page - Cypress Semiconductor CY7C1324F Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324F
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05431 Rev. **
Revised January 29, 2004
Features
• 128K x 18 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (133-MHz version)
— 7.5 ns (117-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentiuminterleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Supports 3.3V I/O level
• Offered in JEDEC-standard 100-pin TQFP package
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1324F is a 131,072 x 18 synchronous cache RAM
designed to interface with high-speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133-MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automati-
cally for the rest of the burst access. All synchronous inputs
are gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables
(BW[A:B], and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
The CY7C1324F allows either interleaved or linear burst
sequences, selected by the MODE input pin. A HIGH selects
an interleaved burst sequence, while a LOW selects a linear
burst sequence. Burst accesses can be initiated with the
Processor Address Strobe (ADSP) or the cache Controller
Address Strobe (ADSC) inputs. Address advancement is
controlled by the Address Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1324F operates from a +3.3V core power supply
while all outputs may operate with a +3.3V supply. All inputs
and outputs are JEDEC-standard JESD8-5-compatible.
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Logic Block Diagram
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE2
CE3
GW
BWE
A0,A1,A
BWB
BWA
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQPA
DQPB
DQB,DQPB
WRITE DRIVER
DQA,DQPA
WRITE DRIVER
SLEEP
CONTROL
ZZ


Similar Part No. - CY7C1324F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1324H-133AXC CYPRESS-CY7C1324H-133AXC Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1324H-133AXI CYPRESS-CY7C1324H-133AXI Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1324F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1326F CYPRESS-CY7C1326F Datasheet
331Kb / 15P
   2-Mb (128K x 18) Pipelined Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1365B CYPRESS-CY7C1365B Datasheet
328Kb / 16P
   9-Mb (265K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com