Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6UA51216-TC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS6UA51216-TC
Description  1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6UA51216-TC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

  AS6UA51216-TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6UA51216-TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyright ©2000 Alliance Semiconductor Corporation (Alliance)'s three-point logo, our name, and Intelliwatt™ are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of
their respective companies. Alliance reserves the right to make changes to thisweb site and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this web site. Alliance does not
assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to fitness for a particular purpose, merchantability, or infringement
of any intellectual property rights, except as expressly agreed to in Alliance's Terms and Conditions of Sale (available from Al liance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of
Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not
authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-
supporting systems implies that the manufacturer assumes all risk of such use andagrees to indemnify Alliance against all claims arising from such use.
AS6UA51216
6/27/00
ALLIANCE SEMICONDUCTOR
9
Ordering codes
Part numbering system
Speed (ns)
Ordering Code
Package Type
Operating Range
55/70/100
AS6UA51216-TC
44-pin TSOP II
Commercial
AS6UA51216-BC
48-ball fine pitch BGA
AS6UA51216-TI
44-pin TSOP II
Industrial
AS6UA51216-BI
48-ball fine pitch BGA
AS6UA
51216
B, T
C, I
SRAM Intelliwatt™ prefix
Device number
Package:
T: TSOP II
B: CSP BGA
Temperature range:
C: Commercial: 0° C to 70° C
I: Industrial: –40° C to 85° C


Similar Part No. - AS6UA51216-TC

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
AS6UA5128 SEMICOA-AS6UA5128 Datasheet
160Kb / 9P
   2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
AS6UA5128-BC SEMICOA-AS6UA5128-BC Datasheet
160Kb / 9P
   2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
AS6UA5128-BI SEMICOA-AS6UA5128-BI Datasheet
160Kb / 9P
   2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
More results

Similar Description - AS6UA51216-TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
   2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
logo
Semicoa Semiconductor
AS6UA5128 SEMICOA-AS6UA5128 Datasheet
160Kb / 9P
   2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
logo
Alliance Semiconductor ...
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
   2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
logo
List of Unclassifed Man...
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
   3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
   3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
logo
Analog Devices
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
logo
Potato Semiconductor Co...
PO3B33257A POTATO-PO3B33257A Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
PO3B33257A POTATO-PO3B33257A_14 Datasheet
1Mb / 5P
   1.65v-3.6v, 24 to 12 Mux/DeMux
logo
Austin Semiconductor
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com