Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS285-1.2BS Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS285-1.2BS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-1.2BS Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS285-1.2BS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-1.2BS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285-1.2/AMS385-1.2
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Storage temperature
-55
°C to +150°C
Forward Current
10mA
Soldering information
Operating Temperature Range
TO-92 package: 10 sec.
260
°C
AMS285-1.2
-40
°C to 85°C
SOIC package: Vapor phase (60 sec)
215
°C
AMS385-1.2
0
°C to 70°C
Infrared (15 sec.)
220
°C
SOT-89 package: 10 sec.
265
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS285A-1.2
Min
Typ
Max
AMS285B-1.2
Min
Typ
Max
AMS285C-1.2
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
1.231
1.235
1.239
1.223
1.235
1.247
1.205
1.235
1.260
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Reverse Breakdown
Voltage Change with
current (Note 4)
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
1.0
10
1.0
10
1.0
20
mV
Min. Operating
Current (Note 4)
8
10
20
8
10
20
8
15
25
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
60
60
60
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 100
µA, and T
A = +25°C unless otherwise specified.
Parameter
Conditions
AMS385A-1.2
Min
Typ
Max
AMS385B-1.2
Min
Typ
Max
AMS385C-1.2
Min
Typ
Max
Units
Reverse Breakdown
Voltage (Note 4)
IR - 100 µA
1.231
1.235
1.239
1.223
1.235
1.247
1.205
1.235
1.260
V
Reverse Dynamic
Impedance (Note 4)
IR - 100 µA, f =20Hz
0.2
0.60
1
1
Reverse Breakdown
Voltage Change with
Current (Note 4)
10
µA ≤IR ≤1mA
1mA
≤IR ≤20mA
1.0
10
1.0
20
1.0
20
mV
Min. Operating
Current (Note 4)
8
10
20
8
10
20
8
15
25
µA
µA
Wide Band Noise
(Note 5)
IR - 100 µA,
10Hz
≤ f ≤ 10kHz
60
60
60
µV
Temperature Coeff.
(Note 6)
25
50
100
150
ppm/°C
Long Term Stability
(Note 5)
TA=25°C±.1°C
T = 1000 Hr
20
20
20
ppm


Similar Part No. - AMS285-1.2BS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AL ADMOS-AMS285-12AL Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AN ADMOS-AMS285-12AN Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AS ADMOS-AMS285-12AS Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12BL ADMOS-AMS285-12BL Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS285-1.2BS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com