Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6100 Datasheet(PDF) 1 Page - Sanken electric

Part # STR-A6100
Description  LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6100 Datasheet(HTML) 1 Page - Sanken electric

  STR-A6100 Datasheet HTML 1Page - Sanken electric STR-A6100 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.95
2.62
1.90
3.95
6.00
19.20
100V/120V
100V/120V
230V/85V∼264V
230V/85V∼264V
230V/85V∼264V
230V/85V∼264V
12W
16W
24W/20W
16W/12W
13W/10W
8W/5W
PRC, Auto Burst Standby, Current-Mode Control
STR-A6100 Series
Low Power Off-line SMPS Primary Switcher
Features
1
2
5
7
8
Drain
Drain
Startup
VFB/OLP
GND
VCC
S/OCP
4
3
Outline (TOP VIEW)
Applications
Product Lineup
Package (DIP-8)
Part Number
VDSS
RDS(ON)
VIN(AC)
Pout
STR-A6131
STR-A6132
STR-A6153E
STR-A6151
STR-A6159
STR-A6169
500V
650V
800V
New
Product
New
Product
Battery Charger ---------------------- Cell Phone, Digital Still Camera, Camcorder, Shaver, Emergency light, Guidance light, and etc.
Standby Power Supply --------------- Various TV applications, PC, LBP, Audio system and etc.
S.M.P.S. -------------------------------- Ink jet printer, DVD Player/ Recorder, VCR, Set Top Box and etc.
Controller Power Supply ------------ Air conditioner, Refrigerator, Washer, Dish Washer and etc.
PRC
〔Pulse Ratio Control〕: (8
µs fixed off-time, variable on-time)
The switching frequency varies within an optimum range of 63kHz to 120kHz, according to load
variations, to create a quasi-jittering, low-EMI noise operation.
Auto burst standby: (No Load Consumption < 100 mW at AC 264V)
Enables very low power consumption at no load.
Typical results of a 5W universal input power supply are 35mW at AC110V and 43mW at AC220V.
Auto bias function
This function stabilizes operation during Auto Burst Standby mode, by preventing a Hiccup mode.
The Auto Bias function forces the IC to turn on before the VCC voltage reaches VCC (OFF), thereby
stabilizing the entire power supply operation.
Integrated startup circuit
600 V BCD process allows direct connection of the STARTUP pin to the rectified high voltage
rail. This reduces component count and improves overall efficiency.
Current mode control
Leading edge blanking
Not required the external Low-pass filter circuit which prevent the malfunction due to the leading
edge spike current.
Avalanche energy guaranteed MOSFET with high VDSS
The built-in power MOSFET simplifies the surge absorption circuit since the MOSFET guarantees
the avalanche energy.
No VDSS de-rating is required.
Various protecting functions
• Over current protection ------------ pulse by pulse
• Over voltage protection ------------ with latch
• Overload protection ---------------- Auto restart
• Thermal shutdown ------------------ with latch


Similar Part No. - STR-A6100

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100_14 Datasheet
854Kb / 26P
   Off-Line PRC Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
   Low power OFF-line SMPS primary switcher
November 2010 Rev 2
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
   Low Power OFF-Line SMPS Primary Switcher
logo
Orister Corporation
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
   Low Power OFF-Line SMPS Primary Switcher
logo
STMicroelectronics
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
   LOW POWER OFF LINE SMPS PRIMARY SWITCHER
logo
Orister Corporation
RS2012S ORISTER-RS2012S Datasheet
463Kb / 7P
   Low Power OFF-Line SMPS Primary Switcher
logo
STMicroelectronics
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
   Low Power OFF-Line SMPS Primary Switcher
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
   Low power OFF-line SMPS primary switcher
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
   LOW POWER OFF LINE SMPS PRIMARY SWITCHER
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
   Low Power Off Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com