Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W77IC32 Datasheet(PDF) 11 Page - Winbond

Part # W77IC32
Description  8 BIT MICROCONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77IC32 Datasheet(HTML) 11 Page - Winbond

Back Button W77IC32 Datasheet HTML 7Page - Winbond W77IC32 Datasheet HTML 8Page - Winbond W77IC32 Datasheet HTML 9Page - Winbond W77IC32 Datasheet HTML 10Page - Winbond W77IC32 Datasheet HTML 11Page - Winbond W77IC32 Datasheet HTML 12Page - Winbond W77IC32 Datasheet HTML 13Page - Winbond W77IC32 Datasheet HTML 14Page - Winbond W77IC32 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Preliminary W77IC32
Publication Release Date: March 2000
- 11 -
Revision A0
TR0:
Timer 0 run control: This bit is set or cleared by software to turn timer/counter on or off.
IE1:
Interrupt 1 edge detect: Set by hardware when an edge/level is detected on INT1. This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.
IT1:
Interrupt 1 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
IE0:
Interrupt 0 edge detect: Set by hardware when an edge/level is detected on INT0 . This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.
IT0:
Interrupt 0 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
Timer Mode Control
Bit:
7
6
5
4
3
2
1
0
GATE
C/ T
M1
M0
GATE
C/ T
M1
M0
TIMER1
TIMER0
Mnemonic: TMOD
Address: 89h
GATE: Gating control: When this bit is set, Timer/counter x is enabled only while INTx pin is high
and TRx control bit is set. When cleared, Timer x is enabled whenever TRx control bit is set.
C/ T :
Timer or Counter Select: When cleared, the timer is incremented by internal clocks. When
set, the timer counts high-to-low edges of the Tx pin.
M1, M0: Mode Select bits:
M1
M0
Mode
0
0
Mode 0: 8-bits with 5-bit prescale.
0
1
Mode 1: 18-bits, no prescale.
1
0
Mode 2: 8-bits with auto-reload from THx
1
1
Mode 3: (Timer 0) TL0 is an 8-bit timer/counter controlled by the
standard Timer 0 control bits. TH0 is a 8-bit timer only controlled by
Timer 1 control bits. (Timer 1) Timer/counter is stopped.
Timer 0 LSB
Bit:
7
6
5
4
3
2
1
0
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
Mnemonic: TL0
Address: 8Ah


Similar Part No. - W77IC32

ManufacturerPart #DatasheetDescription
logo
Winbond
W77IC32 WINBOND-W77IC32 Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
W77IC32-25 WINBOND-W77IC32-25 Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
W77IC32A25DL WINBOND-W77IC32A25DL Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
W77IC32A25PL WINBOND-W77IC32A25PL Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
W77IC32P-25 WINBOND-W77IC32P-25 Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77IC32

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com