Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADQ13Q009 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ADQ13Q009
Description  30A POWER LATCHING RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ADQ13Q009 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ADQ13Q009 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ADQ13Q009 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ADQ13Q009 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DQ
1
DQ-RELAYS
30A POWER LATCHING
RELAY
38.0
1.496
29.0
1.142
17.3
.681
FEATURES
1. Compact with high capacity
Although compact this relay can handle
high capacity control of 30A.
2. Latching type
With latching this relay contributes to en-
ergy conservation in devices.
3. High insulation
Designed with an insulation distance of at
least 8 mm.
4. Cadmium and lead free
5. Complies with safety standards
UL, CSA and VDE approved.
SPECIFICATIONS
Contact
Coil
Arrangement
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
30 m
Contact material
Silver alloy
Rating
(resistive load)
Nominal switching capacity
30 A 250V AC
Max. switching power
7,500 V A
Max. switching voltage
250V AC
Max. switching current
30 A
Expected life
(min. operations)
Mechanical
(at 180 cpm)
106
Electrical
(Resistive load)
104*1
Nominal operating power
1 coil latching
800 mW
2 coil latching
1,600 mW
Characteristics
Max. operating speed
(at rated load)
180 cpm
Initial insulation resistance*2
Min. 1,000 M
Ω (at 500 V DC)
Initial breakdown
voltage*3
Between open
contacts
1,500 Vrms for 1 min.
Between contacts
and coil
4,000 Vrms for 1 min.
Surge voltage between contact and
coil*4
Min. 10,000 V (initial)
Operate time [Set time]*5
(at 20
°C)
(at nominal voltage)
Max. 20ms
Release time [Reset time]*5
(at 20
°C)
(at nominal voltage)
Max. 20ms
Temperature rise (at 65
°C)*6
Max. 50
°C
Shock
resistance
Functional*7
Min. 200 m/s2{20 G}
Destructive*8
Min. 1,000 m/s2{100 G}
Vibration
resistance
Functional*9
10 to 55Hz
at double amplitude of 1.5mm
Destructive
10 to 55Hz
at double amplitude of 2.0mm
Conditions for
operation,
transport and
storage*10
(Not freezing and
condensing at
low temperature)
Ambient
temperature*11
–40
°C to +65°C
–40
°F to +149°F
Humidity
5 to 75% R.H.
Unit weight
Approx. 35 g 1.23 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 At nominal switching capacity, operating frequency: 3s ON, 3s OFF
*2 Measurement at same location as "Initial breakdown voltage" section.
*3 Detection current: 10mA
*4 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*5 Excluding contact bounce time.
*6 By resistive method, max. switching current
*7 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*8 Half-wave pulse of sine wave: 6 ms
*9 Detection time: 10
µs
*10Refer to 5. Usage, transport and storage conditions mentioned in NOTES
*11Under the packing condition, allowable temperature range is from –40 to +65
°C
–40
° to +149°F.
TYPICAL APPLICATIONS
• Time switches
• Electric water heaters
• Remote control of electric power meters
dq.fm
1
y [ W
QOOPNPQ
PPœ@˛jœ@
ªR
RO“


Similar Part No. - ADQ13Q009

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ADQ1000RE OHMITE-ADQ1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
More results

Similar Description - ADQ13Q009

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE9 HONGFA-JE9 Datasheet
132Kb / 5P
   HIGH POWER LATCHING RELAY
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com