Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WE512K16-140G4MA Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WE512K16-140G4MA
Description  512Kx16 CMOS EEPROM MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE512K16-140G4MA Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WE512K16-140G4MA Datasheet HTML 2Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 3Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 4Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 5Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 6Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 7Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 8Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 9Page - White Electronic Designs Corporation WE512K16-140G4MA Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE512K16-XG4X
April 1999
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
LOAD DATA AAAA
TO
ADDRESS 5555
LOAD DATA 5555
TO
ADDRESS 2AAA
LOAD DATA 8080
TO
ADDRESS 5555
LOAD DATA AAAA
TO
ADDRESS 5555
LOAD DATA 5555
TO
ADDRESS 2AAA
LOAD DATA 2020
TO
ADDRESS 5555
LOAD DATA XXXX
TO
ANY ADDRESS(4)
LOAD LAST WORD
TO
LAST ADDRESS
FIGURE 9 –
SOFTWARE BLOCK DATA PROTECTION
DISABLE ALGORITHM(1)
NOTES:
1. Data Format: I/O15-0 (Hex);
Address Format: A16 -A0 (Hex).
2. Write Protect state will be activated at end of write even if no other
data is loaded.
3. Write Protect state will be deactivated at end of write period even if
no other data is loaded.
4. 1 to 128 words of data may loaded.
EXIT DATA
PROTECT STATE(3)
SOFTWARE DATA PROTECTION
A software write protection feature may be enabled
or disabled by the user. When shipped by White
Microelectronics, the module has the feature disabled.
Write access to the device is unrestricted.
To enable software write protection, the user writes three
access code words to three special internal locations.
Once write protection has been enabled, each write to the
EEPROM must use the same three-word write sequence
to permit writing. After setting software data protection,
any attempt to write to the device without the three-word
command sequence will start the internal write timers. No
data will be written to the device, however, for the duration
of tWC. The write protection feature can be disabled by
a six-word write sequence of specific data to specific
locations. Power transitions will not reset the software
write protection.
Each 128K-word block of the EEPROM has independent
write protection. One or more blocks may be enabled and
the rest disabled in any combination. The software write
protection guards against inadvertent writes during power
transitions, or unauthorized modification using a PROM
programmer.
HARDWARE DATA PROTECTION
These features protect against inadvertent writes to the
module. These are included to improve reliability during
normal operation:
a)
VCC power on delay
As VCC climbs past 3.8V typical the device will wait
5 msec typical before allowing write cycles.
b)
VCC sense
While below 3.8V typical write cycles are inhibited.
c)
Write inhibiting
Holding OE# low and either CS# or WE# high
inhibits write cycles.
d)
Noise filter
Pulses of <8ns (typ) on WE# or CS# will not initiate
a write cycle.


Similar Part No. - WE512K16-140G4MA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE512K8-150CC WEDC-WE512K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE512K8-150CCA WEDC-WE512K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE512K8-150CI WEDC-WE512K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE512K8-150CIA WEDC-WE512K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE512K16-140G4MA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Samsung semiconductor
K6T8016C3M SAMSUNG-K6T8016C3M Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
Samsung semiconductor
K6X8016T3B SAMSUNG-K6X8016T3B Datasheet
128Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
List of Unclassifed Man...
HI3104A ETC2-HI3104A Datasheet
293Kb / 5P
   CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com