Electronic Components Datasheet Search |
|
HFBR-5803T Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HFBR-5803T Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 16 page HFBR-5803/5803T/5803A/5803AT FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style Data Sheet Description The HFBR-5800 family of trans- ceivers from Agilent provide the system designer with products to implement a range of Fast Ethernet, FDDI and ATM (Asynchronous Transfer Mode) designs at the 100 Mb/s-125 MBd rate. The transceivers are all supplied in the industry standard 1 x 9 SIP package style with either a duplex SC or a duplex ST* connector interface. FDDI PMD, ATM and Fast Ethernet 2 km Backbone Links The HFBR-5803/5803T are 1300 nm products with optical performance compliant with the FDDI PMD standard. The FDDI PMD standard is ISO/IEC 9314-3: 1990 and ANSI X3.166 - 1990. These transceivers for 2 km multimode fiber backbones are supplied in the small 1 x 9 duplex SC or ST package style. The HFBR-5803/-5803T is useful for both ATM 100 Mb/s interfaces and Fast Ethernet 100 Base-FX interfaces. The ATM Forum User-Network Interface (UNI) Standard, Version 3.0, defines the Physical Layer for 100 Mb/s Multimode Fiber Interface for ATM in Section 2.3 to be the FDDI PMD Standard. Features • Full compliance with the optical performance requirements of the FDDI PMD standard • Full compliance with the FDDI LCF-PMD standard • Full compliance with the optical performance requirements of the ATM 100 Mb/s physical layer • Full compliance with the optical performance requirements of 100 Base-FX version of IEEE 802.3u • Multisourced 1 x 9 package style with choice of duplex SC or duplex ST* receptacle • Wave solder and aqueous wash process compatible • Manufactured in an ISO 9002 certified facility • Single +3.3 V or +5 V power supply Applications • Multimode fiber backbone links • Multimode fiber wiring closet to desktop links • Very low cost multimode fiber links from wiring closet to desktop • Multimode fiber media converters *ST is a registered trademark of AT&T Lightguide Cable Connectors. Note: The “T” in the product numbers indicates a transceiver with a duplex ST connector receptacle. Product numbers without a “T” indicate transceivers with a duplex SC connector receptacle. Likewise, the Fast Ethernet Alliance defines the Physical Layer for 100 Base-FX for Fast Ethernet to be the FDDI PMD Standard. ATM applications for physical layers other than 100 Mb/s Multimode Fiber Interface are supported by Agilent. Products are available for both the single mode and the multimode fiber SONET OC-3c (STS-3c) ATM interfaces and the 155 Mb/s-194 MBd multimode fiber ATM interface as specified in the ATM Forum UNI. Contact your Agilent sales representative for information on these alternative Fast Ethernet, FDDI and ATM products. Ordering Information The HFBR-5803/5803T/5803A/ 5803AT 1300 nm products are available for production orders through the Agilent Component Field Sales Offices and Authorized Distributors world wide. 0 °C to +70 °C HFBR-5803/5803T -10 °C TO +85 °C HFBR-5803A/5803AT |
Similar Part No. - HFBR-5803T |
|
Similar Description - HFBR-5803T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |