Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8L-17CLQA Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WMS512K8L-17CLQA
Description  512Kx8 MONOLITHIC SRAM, SMD 5962-95613
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8L-17CLQA Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WMS512K8L-17CLQA Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 6Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 7Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 8Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 9Page - White Electronic Designs Corporation WMS512K8L-17CLQA Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMS512K8-XXX
October 2004
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
WHITE ELECTRONIC DESIGNS CORP.
MONOLITHIC
SRAM
ORGANIZATION, 512K X 8
IMPROVEMENT MARK:
BLANK = STANDARD
L = LOW POWER DATA RETENTION
ACCESS TIME (NS)
PACKAGE:
C = 32 PIN CERAMIC 0.600” DIP (PACKAGE 300)
CL = 32 PIN RECTANGULAR CERAMIC LEADLESS CHIP CARRIER (PACKAGE 601)
DE = 32 LEAD CERAMIC SOJ (PACKAGE 101) EVOLUTIONARY
DJ = 36 LEAD CERAMIC SOJ (PACKAGE 100)
F = 36 LEAD CERAMIC FLAT PACK (PACKAGE 226)
FF = 32 LEAD CERAMIC THINPACK™ FLAT PACK (PACKAGE 321)
DEVICE GRADE:
Q = MIL-STD-883 COMPLIANT
M = MILITARY SCREENED -55°C
≤ TA ≤ 125°C
I = INDUSTRIAL -40°C
≤ TA ≤ 85°C
C = COMMERCIAL 0°C
≤ TA ≤ 70°C
LEAD FINISH:
BLANK = GOLD PLATED LEADS
A = SOLDER DIP LEADS
ORDERING INFORMATION
W M S 512K 8 X - XXX X X X


Similar Part No. - WMS512K8L-17CLQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8L-17CLC ETC1-WMS512K8L-17CLC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-17CLCA ETC1-WMS512K8L-17CLCA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-17CLI ETC1-WMS512K8L-17CLI Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-17CLIA ETC1-WMS512K8L-17CLIA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-17CLM ETC1-WMS512K8L-17CLM Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8L-17CLQA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com