Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8L-15CLQA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMS512K8L-15CLQA
Description  512Kx8 MONOLITHIC SRAM, SMD 5962-95613
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8L-15CLQA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMS512K8L-15CLQA Datasheet HTML 1Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 6Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 7Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 8Page - White Electronic Designs Corporation WMS512K8L-15CLQA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMS512K8-XXX
October 2004
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC Characteristics
(VCC = 5.0V, GND = 0V, -55°C
≤ TA < 125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
-45
-55
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
25
35
45
55
ns
Address Access Time
tAA
15
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
00
0
0
0
0
0
ns
Chip Select Access Time
tACS
15
17
20
25
35
45
55
ns
Output Enable to Output Valid
tOE
8
9
10
12
25
25
25
ns
Chip Select to Output in Low Z
tCLZ1
22
2
2
4
4
4
ns
Output Enable to Output in Low Z
tOLZ1
00
0
0
0
0
0
ns
Chip Disable to Output in High Z
tCHZ1
8
9
10
12
15
20
20
ns
Output Disable to Output in High Z
tOHZ1
8
9
10
12
15
20
20
ns
AC Characteristics
(VCC = 5.0V, GND = 0V, -55°C
≤ TA ≤ 125°C)
Parameter
Symbol
-15
-17
-20
-25
-35
-45
-55
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
25
35
45
55
ns
Chip Select to End of Write
tCW
13
14
14
15
25
35
50
ns
Address Valid to End of Write
tAW
13
14
14
15
25
35
50
ns
Data Valid to End of Write
tDW
8
9
10
10
20
25
25
ns
Write Pulse Width
tWP
13
14
14
15
25
35
40
ns
Address Setup Time
tAS
22
2
2
2
2
2
ns
Address Hold Time
tAH
00
0
0
0
5
5
ns
Output Active from End of Write
tOW1
22
3
4
4
5
5
ns
Write Enable to Output in High Z
tWHZ1
89
9
10
15
20
25
ns
Data Hold Time
tDH
00
0
0
0
0
0
ns
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT
AC TEST CONDITIONS
Current Source
Current Source
IOL
IOH
Ceff = 50 pF
D.U.T.
VZ
1.5V
(Bipolar Supply)
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WMS512K8L-15CLQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8L-15CLC ETC1-WMS512K8L-15CLC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-15CLCA ETC1-WMS512K8L-15CLCA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-15CLI ETC1-WMS512K8L-15CLI Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-15CLIA ETC1-WMS512K8L-15CLIA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-15CLM ETC1-WMS512K8L-15CLM Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8L-15CLQA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com