Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SA-L-24V-Z Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # TQ2SA-L-24V-Z
Description  LOW-PROFILE SURFACE-MOUNT RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2SA-L-24V-Z Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  TQ2SA-L-24V-Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2SA-L-24V-Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2SA-L-24V-Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2SA-L-24V-Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2SA-L-24V-Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TQ-SMD
144
12.-(1) Malfunctional shock (single side stable)
Tested sample: TQ2SA-12V, 6 pcs
12.-(2) Malfunctional shock (latching)
Tested sample: TQ2SA-L2-12V, 6 pcs.
Y'
Y
XZ'
ZX'
Y
Y'
Z'
Z X
X'
1000m/s2
2
2
1000m/s2
1000m/s
1000m/s
1000m/s
1000m/s
Deenergized
condition
Energized
condition
2
2
Y'
Y
XZ'
ZX'
Y
Y'
Z'
Z X
X'
1000m/s2
2
2
1000m/s2
1000m/s
1000m/s
1000m/s
1000m/s
Reset condition
Set condition
2
2
13.-(1) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 5 pcs.
13.-(2) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 6 pcs.
13.-(3) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 6 pcs.
–10
0
10
–10
0
10
ON
ON
ON
OFF OFF
OFF
5
.197
3
.118
1
.039
2
.079
4
.157
06
.236
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
–10
0
10
–10
0
10
ON
ON
ON
OFF
OFF
OFF
0
5
.197
3
.118
1
.039
2
.079
4
.157
6
.236
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
–10
0
10
–10
0
10
ON
OFF
0
ON
ON
OFF
OFF
ON
OFF
5
.197
3
.118
1
.039
2
.079
4
.157
6
.236
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
14. Pulse dialing test
Tested sample: TQ2SA-12V, 6 pcs.
(35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
(mounting by IRS method)
Change of contact resistance
(mounting by IRS method)
48 V DC
458
0.08
µF
0.08
µF
458
3
2
+
TQ-SMD
relay
Wire spring relay
50
IRS
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
Max.
No. of operations,
×104
Pick-up voltage
Drop-out voltage
50
IRS
10
20
30
40
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
For Cautions for Use, see Page 178 and 179.
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - TQ2SA-L-24V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2SA-L-24V-Z PANASONIC-TQ2SA-L-24V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2SA-L-24V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com