Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD01S36V-133BBC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYD01S36V-133BBC
Description  FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD01S36V-133BBC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYD01S36V-133BBC Datasheet HTML 1Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 2Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 3Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 4Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CYD01S36V-133BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PRELIMINARY
CYD01S36V
CYD02S36V/CYD04S36V
CYD09S36V/CYD18S36V
Document #: 38-06076 Rev. *B
Page 2 of 28
Note:
1. 18-Mbit device has 19 address bits, 9-Mbit device has 18 address bits, 4-Mbit device has 17 address bits, 2-Mbit device has 16 address bits, and 1-Mbit device
has 15 address bits.
Logic Block Diagram[1]
FTSELL
PORTSTD[1:0]L
DQ [35:0]L
BE [3:0]L
CE0L
CE1L
OEL
R/WL
FTSELR
PORTSTD[1:0]R
DQ [35:0]R
BE [3:0]R
CE0R
CE1R
OER
R/WR
A [18:0]L
CNT/MSKL
ADSL
CNTENL
CNTRSTL
RETL
CNTINTL
CL
WRPL
A [18:0]R
CNT/MSKR
ADSR
CNTENR
CNTRSTR
RETR
CNTINTR
CR
WRPR
CONFIG Block
CONFIG Block
IO
Control
IO
Control
Dual Ported Array
Address &
Counter Logic
Address &
Counter Logic
INTL
TRST
TMS
TDI
TDO
TCK
JTAG
MRST
READYR
LowSPDR
READYL
LowSPDL
RESET
LOGIC
INTR
BUSYL
BUSYR
Mailboxes
Arbitration Logic


Similar Part No. - CYD01S36V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD01S36V-133BBC CYPRESS-CYD01S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD01S36V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com