Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC20D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC20D
Description  Dual 4-input NAND gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC20D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC20D Datasheet HTML 1Page - NXP Semiconductors 74HC20D Datasheet HTML 2Page - NXP Semiconductors 74HC20D Datasheet HTML 3Page - NXP Semiconductors 74HC20D Datasheet HTML 4Page - NXP Semiconductors 74HC20D Datasheet HTML 5Page - NXP Semiconductors 74HC20D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-input NAND gate
74HC/HCT20
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 9
1A, 2A
data inputs
2, 10
1B, 2B
data inputs
3, 11
n.c.
not connected
4, 12
1C, 2C
data inputs
5, 13
1D, 2D
data inputs
6, 8
1Y, 2Y
data outputs
7
GND
ground (0 V)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC20D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC20D NEXPERIA-74HC20D Datasheet
217Kb / 11P
   Dual 4-input NAND gate
Rev. 6 - 5 February 2021
74HC20D-Q100 NEXPERIA-74HC20D-Q100 Datasheet
219Kb / 12P
   Dual 4-input NAND gate
More results

Similar Description - 74HC20D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com