Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1514V18-167BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1514V18-167BZC
Description  72-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1514V18-167BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1514V18-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1514V18-167BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PRELIMINARY
CY7C1510V18
CY7C1525V18
CY7C1512V18
CY7C1514V18
Document #: 38-05489 Rev. *A
Page 10 of 24
Write Cycle Descriptions (CY7C1510V18 and CY7C1512V18) [2, 8]
BWS0/NWS0
BWS1 / NWS1
KK
Comments
L
L
L-H
During the Data portion of a Write sequence
:
CY7C1510V18
− both nibbles (D[7:0]) are written into the device,
CY7C1512V18
− both bytes (D[17:0]) are written into the device.
L
L
L-H During the Data portion of a Write sequence
:
CY7C1510V18
− both nibbles (D[7:0]) are written into the device,
CY7C1512V18
− both bytes (D[17:0]) are written into the device.
L
H
L-H
During the Data portion of a Write sequence
:
CY7C1510V18
− only the lower nibble (D[3:0]) is written into the device. D[7:4] will
remain unaltered,
CY7C1512V18
− only the lower byte (D[8:0]) is written into the device. D[17:9] will
remain unaltered.
L
H
L-H During the Data portion of a Write sequence
:
CY7C1510V18
− only the lower nibble (D[3:0]) is written into the device. D[7:4] will
remain unaltered,
CY7C1512V18
− only the lower byte (D[8:0]) is written into the device. D[17:9] will
remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1510V18
− only the upper nibble (D[7:4]) is written into the device. D[3:0] will
remain unaltered,
CY7C1512V18
− only the upper byte (D[17:9]) is written into the device. D[8:0] will
remain unaltered.
H
L
L-H During the Data portion of a Write sequence
:
CY7C1510V18
− only the upper nibble (D[7:4]) is written into the device. D[3:0] will
remain unaltered,
CY7C1512V18
− only the upper byte (D[17:9]) is written into the device. D[8:0] will
remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a write operation.
H
H
L-H No data is written into the devices during this portion of a write operation.
Write Cycle Descriptions (CY7C1514V18) [2, 8]
BWS0 BWS1 BWS2 BWS3
KK
Comments
L
L
L
L
L-H
-
During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
L
L
L
L
-
L-H During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
L
H
H
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
L
H
H
H
-
L-H During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
H
L
H
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] will remain unaltered.
Notes:
1. The above application shows four QDRII being used.
2. X = “Don't Care,” H = Logic HIGH, L= Logic LOW,
represents rising edge.
3. Device will power-up deselected and the outputs in a three-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A+00, A+01 represents the internal address sequence in the burst.
5. “t” represents the cycle at which a read/write operation is started. t+1 and t+2 are the first and second clock cycles respectively succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
8. Assumes a Write cycle was initiated per the Write Port Cycle Description Truth Table. NWS0,NWS1,BWS0 ,BWS1,BWS2 and BWS3 can be altered on different
portions of a write cycle, as long as the set-up and hold requirements are achieved.


Similar Part No. - CY7C1514V18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1514V18-167BZC CYPRESS-CY7C1514V18-167BZC Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1514V18-167BZC CYPRESS-CY7C1514V18-167BZC Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1514V18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com