Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S36V-133BBC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYD02S36V-133BBC
Description  FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36V-133BBC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYD02S36V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 9Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 10Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 11Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 12Page - Cypress Semiconductor CYD02S36V-133BBC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PRELIMINARY
CYD01S36V
CYD02S36V/CYD04S36V
CYD09S36V/CYD18S36V
Document #: 38-06076 Rev. *B
Page 9 of 28
IEEE 1149.1 Serial Boundary Scan (JTAG)[22]
The FLEx36 family devices incorporate an IEEE 1149.1 serial
boundary scan test access port (TAP). The TAP controller
functions in a manner that does not conflict with the operation
of other devices using 1149.1-compliant TAPs. The TAP
operates using JEDEC-standard 3.3V I/O logic levels. It is
composed of three input connections and one output
connection required by the test logic defined by the standard.
Performing a TAP Reset
A reset is performed by forcing TMS HIGH (VDD) for five rising
edges of TCK. This reset does not affect the operation of the
devices, and may be performed while the device is operating.
An MRST must be performed on the devices after power-up.
Performing a Pause/Restart
When a SHIFT-DR PAUSE-DR SHIFT-DR is performed the
scan chain will output the next bit in the chain twice. For
example, if the value expected from the chain is 1010101, the
device will output a 11010101. This extra bit will cause some
testers to report an erroneous failure for the devices in a scan
test. Therefore the tester should be configured to never enter
the PAUSE-DR state.
Boundary Scan Hierarchy for 9-Mbit and 18-Mbit Devices
Internally, the devices have multiple DIEs. Each DIE contains
all the circuitry required to support boundary scan testing. The
circuitry includes the TAP, TAP controller, instruction register,
and data registers. The circuity and operation of the DIE
boundary scan are described in detail below.
The scan chain for 9-Mbit and 18-Mbit devices uses a hierar-
chical approach as shown in Figure 3 and Figure 4. TMS and
TCK are connected in parallel to each DIE to drive all 2- or
4-TAP controllers in unison. In many cases, each DIE will be
supplied with the same instruction. In other cases, it might be
useful to supply different instructions to each DIE. One
example would be testing the device ID of one DIE while
bypassing the rest.
Each pin of the devices is typically connected to multiple DIEs.
For connectivity testing with the EXTEST instruction, it is
desirable to check the internal connections between DIEs as
well as the external connections to the package. This can be
accomplished by merging the netlist of the devices with the
netlist of the user’s circuit board. To facilitate boundary scan
testing of the devices, Cypress provides the BSDL file for each
DIE, the internal netlist of the device, and a description of the
device scan chain. The user can use these materials to easily
integrate the devices into the board’s boundary scan
environment. Further information can be found in the Cypress
application note Using JTAG Boundary Scan For System in a
Package (SIP) Dual-Port SRAMs.
Notes:
21. The “X” in this diagram represents the counter upper bits.
22. Boundary scan is IEEE 1149.1-compatible. See “Performing a Pause/Restart” for deviation from strict 1149.1 compliance.
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
216 215
26
21
25
22
24 23
20
H
H
L
H
11
0s
1
0
1
0
1
01
00
Xs
1
X
0
X
0
X0
11
Xs
1
X
1
X
1
X1
00
Xs
1
X
0
X
0
X0
Masked Address
Unmasked Address
Mask
Register
bit-0
Address
Counter
bit-0
CNTINT
Example:
Load
Counter-Mask
Register = 3F
Load
Address
Counter = 8
Max
Address
Register
Max + 1
Address
Register
Figure 2. Programmable Counter-Mask Register Operation[1, 21]


Similar Part No. - CYD02S36V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com