Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3209 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSDL-3209
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3209 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSDL-3209 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3209 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Figure 2. RXD output waveform.
Figure 3. LED optical waveform.
Figure 4. TXD “stuck on” protection waveform.
Figure 5. Receiver wakeup time waveform.
tf
VOH
90%
50%
10%
VOL
tpw
tr
tf
LED OFF
90%
50%
10%
LED ON
tpw
tr
tpw (MAX.)
TXD
LED
RX
LIGHT
tRW
RXD
SD
Figure 6. TXD wakeup time waveform.
TX
LIGHT
tTW
TXD
SD
Average VLED_A vs Average ILED
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
10.0E-3
30.0E-3
50.0E-3
70.0E-3
90.0E-3
110.0E-3
Average ILED (A)
Average LOP vs Average ILED
0
5
10
15
20
25
30
35
10.0E-3
30.0E-3
50.0E-3
70.0E-3
90.0E-3
110.0E-3
Average ILED (A)
Figure 7. VLED vs. ILED
Figure 8. VLOP vs. ILED


Similar Part No. - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com