Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2SA-L2-1.5V-Z Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # TQ2SA-L2-1.5V-Z
Description  LOW-PROFILE SURFACE-MOUNT RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2SA-L2-1.5V-Z Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  TQ2SA-L2-1.5V-Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2SA-L2-1.5V-Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2SA-L2-1.5V-Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2SA-L2-1.5V-Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2SA-L2-1.5V-Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TQ-SMD
143
4.-(1) Electrical life (2 A 30 V DC resistive load)
Tested sample: TQ2SA-12V, 6 pcs.
Operating frequency: 20 cpm
Change of pick-up and drop-out voltage
(mounting by IRS method)
Change of contact resistance
(mounting by IRS method)
4.-(2) Electrical life (0.5 A 125 V AC resistive load)
Tested sample: TQ2SA-12V, 6 pcs
Operating frequency: 20 cpm
Change of pick-up and drop-out voltage
(mounting by IRS method)
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
Max.
10
IRS
23
4
5
6
7
89
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
IRS
23
4
5
6
7
89
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
10
IRS
Max.
Min.
Min.
0
10
20
30
40
50
60
70
80
90
100
23
4
5
6
7
89
Max.
1
No. of operations,
×104
Pick-up voltage
Drop-out voltage
Change of contact resistance
(mounting by IRS method)
5. Coil temperature rise
Tested sample: TQ2SA-12V, 6 pcs.
Point measured: Inside the coil
Ambient temperature: 25
°C 77°F
6. Operate/release time
Tested sample: TQ2SA-12V, 6 pcs.
10
IRS
23
4
5
6
7
89
1
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
No. of operations,
×104
10
30
60
70
100
120
150
0
20
40
50
110
130
140
2A
0A
2A
0A
DC 12V type
DC 48V type
Coil applied voltage, %V
Coil voltage
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
7. Distribution of pick-up and drop out voltage
Tested sample: TQ2SA-12V, 50 pcs.
8. Distribution of set and reset voltage
Tested sample: TQ2SA-L-12V, 30 pcs.
9. Ambient temperature characteristics
Tested sample: TQ2SA-12V, 5 pcs.
10
010 20 30 40 50 60 70 80 90 100
20
30
Ratio against the rated voltage, %V
Pick-up voltage
Drop-out voltage
0
20
30
10 20 30 40 50 60 70 80 90 100
5
10
15
25
Ratio against the rated voltage, %V
Set voltage
Reset voltage
–40
40
20
–20
–40 –20
0
20 40
60
80
x
Ambient
temperature,
°C
Drop-out voltage
Pick-up voltage
10. Distribution of contact resistance
Tested sample: TQ2SA-5V, 30 pcs. (30
× 4 contacts)
11.-(1) High-frequency characteristics
Isolation characteristics
11.-(2) High-frequency characteristics
Insertion loss characteristics
0
10
20
30
40
50
20
30
40
50
987
234
10
1
6
5
+
(TOP VIEW)
Contact resistance, m
Terminal
Nos. 2-3, 8-9
Terminal
Nos. 3-4, 7-8
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz


Similar Part No. - TQ2SA-L2-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2SA-L2-1.5V-Z PANASONIC-TQ2SA-L2-1.5V-Z Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2SA-L2-1.5V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
402Kb / 20P
   LOW PROFILE SURFACE MOUNT CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com