Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8L-25DEC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WMS512K8L-25DEC
Description  512Kx8 MONOLITHIC SRAM, SMD 5962-95613
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMS512K8L-25DEC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WMS512K8L-25DEC Datasheet HTML 1Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 2Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 3Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 4Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 5Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 6Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 7Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 8Page - White Electronic Designs Corporation WMS512K8L-25DEC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMS512K8-XXX
October 2004
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
A
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND TO VCC
10
A
Operating Supply Current*
ICC
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5,
160
mA
Standby Current
ISS
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
0.45
mA
Output Low Voltage
VOL
IOL = 6mA for 17 - 35ns,
IOL = 2.1mA for 45 - 55ns, VCC = 4.5
0.4
V
Output High Voltage
VOH
IOH = -4.0mA for 17 - 35ns,
IOH = 1.0mA for 45 - 55ns, VCC = 4.5
2.4
V
DC Characteristics - CMOS Compatible
(VCC = 5.0V, GND = 0V, -55°C
≤TA ≤ 125°C)
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil)
TA
-55
+125
°C
Capacitance
(TA = +25°C)
Parameter
Symbol
Conditions
Package
Speed (ns)
Max
Unit
Input capacitance
CIN
VIN = 0 V, f = 1.0 MHz
32 pin CSOJ, DIP, Flat Pack Evolutionary
15 to 55
20
pF
32 pin CLCC
15 to 55
15
pF
36 pin CSOJ & Flat Pack Revolutionary
15 to 35
12
pF
45 to 55
20
pF
Output
capacitance
COUT
VOUT = 0 V, f = 1.0 MHz
32 pin CSOJ, DIP, Flat Pack Revolutionary
15 to 55
20
pF
36 pin CSOJ & Flat Pack Revolutionary
15 to 35
12
pF
45 to 55
20
pF
This parameter is guaranteed by design but not tested.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature Range
TSTG
-65
+150
°C
Signal Voltage Range to GND
VG
-0.5
VCC-0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage Range (VCC)VCC
-0.5
7.0
V
Truth Table
CS#
OE#
WE#
MODE
DATA I/O
POWER
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Acvive
Parameter
Symbol
Conditions
Min
Max
Unit
Data Retention Supply Voltage
VDR
CS#3 VCC -0.2V
2.0
5.5
V
Low Power Data Retention
ICCDR1
VCC = 3V
7
mA
Low Power Data Retention
ICCDR2
VCC = 2V
2
mA
Data retention characteristics for low power “l” version


Similar Part No. - WMS512K8L-25DEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMS512K8L-25DEC ETC1-WMS512K8L-25DEC Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
WMS512K8L-25DECA ETC1-WMS512K8L-25DECA Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8L-25DEC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com