Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTUY Datasheet(PDF) 9 Page - Linear Technology

Part # LTUY
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTUY Datasheet(HTML) 9 Page - Linear Technology

Back Button LTUY Datasheet HTML 5Page - Linear Technology LTUY Datasheet HTML 6Page - Linear Technology LTUY Datasheet HTML 7Page - Linear Technology LTUY Datasheet HTML 8Page - Linear Technology LTUY Datasheet HTML 9Page - Linear Technology LTUY Datasheet HTML 10Page - Linear Technology LTUY Datasheet HTML 11Page - Linear Technology LTUY Datasheet HTML 12Page - Linear Technology LTUY Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC2421/LTC2422
24212f
PIN FUNCTIONS
SCK (Pin 9): Bidirectional Digital Clock Pin. In the Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the data output
period. In the External Serial Clock Operation mode, SCK
is used as digital input for the external serial interface. An
internal pull-up current source is automatically activated
in Internal Serial Clock Operation mode. The Serial Clock
mode is determined by the level applied to SCK at power
up and the falling edge of CS.
FO (Pin 10): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to VCC (FO = VCC), the
converter uses its internal oscillator and the digital filter’s
first null is located at 50Hz. When the FO pin is connected
to GND (FO = 0V), the converter uses its internal oscillator
and the digital filter’s first null is located at 60Hz. When FO
is driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its clock and the digital
filter first null is located at a frequency fEOSC/2560.
FUNCTIONAL BLOCK DIAGRA
TEST CIRCUITS
3.4k
SDO
24212 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
3.4k
SDO
24212 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
GND
VCC
VIN
SDO
SCK
VREF
CS
FO
(INT/EXT)
24212 FD


Similar Part No. - LTUY

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LTU-450 EUROQUARTZ-LTU-450 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450B2 EUROQUARTZ-LTU-450B2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450C2 EUROQUARTZ-LTU-450C2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450D2 EUROQUARTZ-LTU-450D2 Datasheet
48Kb / 1P
   CERAMIC FILTER
LTU-450E2 EUROQUARTZ-LTU-450E2 Datasheet
48Kb / 1P
   CERAMIC FILTER
More results

Similar Description - LTUY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
   1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
   1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2402 LINER-LTC2402 Datasheet
358Kb / 32P
   1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com