Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2449C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2449C
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2449C Datasheet(HTML) 2 Page - Linear Technology

  LTC2449C Datasheet HTML 1Page - Linear Technology LTC2449C Datasheet HTML 2Page - Linear Technology LTC2449C Datasheet HTML 3Page - Linear Technology LTC2449C Datasheet HTML 4Page - Linear Technology LTC2449C Datasheet HTML 5Page - Linear Technology LTC2449C Datasheet HTML 6Page - Linear Technology LTC2449C Datasheet HTML 7Page - Linear Technology LTC2449C Datasheet HTML 8Page - Linear Technology LTC2449C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
2
sn2444589 2444589fs
ORDER PART
NUMBER
ORDER PART
NUMBER
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................– 0.3V to 6V
Analog Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Reference Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
TJMAX = 125°C, θJA = 34°C/W
LTC2444CUHF
LTC2444IUHF
QFN PART MARKING*
2444
Operating Temperature Range
LTC2444C/LTC2445C/
LTC2448C/LTC2449C .............................. 0°C to 70°C
LTC2444I/LTC2445I/
LTC2448I/LTC2449I ........................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
LTC2448CUHF
LTC2448IUHF
QFN PART MARKING*
2448
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
GND
BUSY
EXT
GND
GND
GND
COM
NC
CH0
CH1
NC
NC
GND
REF
REF+
VCC
NC
NC
NC
NC
NC
CH7
CH6
NC
23
22
21
20
9
10
11
12
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
GND
BUSY
EXT
GND
GND
GND
COM
CH0
CH1
CH2
CH3
CH4
GND
REF
REF+
VCC
NC
NC
NC
NC
CH15
CH14
CH13
CH12
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 34°C/W
LTC2445CUHF
LTC2445IUHF
QFN PART MARKING*
2445
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC2449CUHF
LTC2449IUHF
QFN PART MARKING*
2449
TJMAX = 125°C, θJA = 34°C/W
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
GND
BUSY
EXT
GND
GND
GND
COM
NC
CH0
CH1
NC
NC
GND
REF
REF+
VCC
MUXOUTN
ADCINN
ADCINP
MUXOUTP
NC
CH7
CH6
NC
23
22
21
20
9
10
11
12
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
GND
BUSY
EXT
GND
GND
GND
COM
CH0
CH1
CH2
CH3
CH4
GND
REF
REF+
VCC
MUXOUTN
ADCINN
ADCINP
MUXOUTP
CH15
CH14
CH13
CH12
23
22
21
20
9
10
11
12


Similar Part No. - LTC2449C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results

Similar Description - LTC2449C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444 LINER-LTC2444_15 Datasheet
307Kb / 28P
   24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
   24-Bit High Speed Differential ADC with Selectable Speed/Resolution
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com