Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C453-14JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C453-14JC
Description  512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C453-14JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C453-14JC Datasheet HTML 1Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 2Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 3Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 4Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 5Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 6Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 7Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 8Page - Cypress Semiconductor CY7C453-14JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CY7C451
CY7C453
CY7C454
Document #: 38-06033 Rev. *A
Page 2 of 24
Functional Description (continued)
The CY7C451, CY7C453, and CY7C454 provide three status pins
to the user. These pins are decoded to determine one of six states:
Empty, Almost Empty, Less than or Equal to Half Full, Greater than
Half Full, Almost Full, and Full (see Table 1). The Almost Empty/Full
flag (PAFE) and XO functions share the same pin. The Almost Emp-
ty/Full flag is valid in the standalone and width expansion con-
figurations. In the depth expansion, this pin provides the
expansion out (XO) information that is used to signal the
next FIFO when it will be activated.
The flags are synchronous, i.e., they change state relative to
either the read clock (CKR) or the write clock (CKW). When
entering or exiting the Empty and Almost Empty states, the
flags are updated exclusively by the CKR. The flags denoting
Half Full, Almost Full, and Full states are updated exclusively
by CKW. The synchronous flag architecture guarantees that
the flags maintain their status for some minimum time.
The CY7C451, CY7C453, and the CY7C454 use center power
and ground for reduced noise. Both configurations are fabri-
cated using an advanced RAM 2.8 technology. Input ESD
protection is greater than 2001V, and latch-up is prevented
by the use of reliable layout techniques and guard rings.
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
....................................−65
°C to +150°C
Ambient Temperature with
Power Applied
.................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... > 200 mA
Notes:
1.
The Voltage on any input or I/O pin cannot exceed the power pin during
power-up.
Selection Guide
7C451-12
7C453-12
7C454-12
7C451-14
7C453-14
7C454-14
7C451-20
7C453-20
7C454-20
7C451-30
7C453-30
7C454-30
Maximum Frequency (MHz)
83.3
71.4
50
33.3
Maximum Cascadable Frequency
83.3
71.4
50
33.3
Maximum Access Time (ns)
9
10
15
20
Minimum Cycle Time (ns)
12
14
20
30
Minimum Clock HIGH Time (ns)
5
6.5
9
12
Minimum Clock LOW Time (ns)
5
6.5
9
12
Minimum Data or Enable Set-Up (ns)
4
5
6
7
Minimum Data or Enable Hold (ns)
0
0
0
0
Maximum Flag Delay (ns)
9
10
15
20
Maximum Current (mA)
Commercial
140
140
120
100
Military/Industrial
150
150
130
110
Selection Guide (continued)
CY7C451
CY7C453
CY7C454
Density
512 x 9
2,048 x 9
4,096 x 9
OE, Depth Cascadable
Yes
Yes
Yes
Package
32-Pin PLCC
32-Pin PLCC
32-Pin PLCC
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
−40
°C to +85°C
5V
± 10%


Similar Part No. - CY7C453-14JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C456 CYPRESS-CY7C456 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C457 CYPRESS-CY7C457 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
More results

Similar Description - CY7C453-14JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
logo
Analog Devices
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
logo
Cypress Semiconductor
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
Cypress Semiconductor
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com