Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C453-12JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C453-12JC
Description  512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C453-12JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C453-12JC Datasheet HTML 1Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 2Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 3Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 4Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CY7C451
CY7C453
CY7C454
Document #: 38-06033 Rev. *A
Page 5 of 24
AC Test Loads and Waveforms[8, 9, 10, 11, 12]
Switching Characteristics Over the Operating Range[13]
Parameter
Description
7C451-12
7C453-12
7C454-12
7C451-14
7C453-14
7C454-14
7C451-20
7C453-20
7C454-20
7C451-30
7C453-30
7C454-30
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tCKW
Write Clock Cycle
12
14
20
30
ns
tCKR
Read Clock Cycle
12
14
20
30
ns
tCKH
Clock HIGH
5
6.5
9
12
ns
tCKL
Clock LOW
5
6.5
9
12
ns
tA
[14]
Data Access Time
9
10
15
20
ns
tOH
Previous Output Data Hold After Read HIGH
0
0
0
0
ns
tFH
Previous Flag Hold After Read/Write HIGH
0
0
0
0
ns
tSD
Data Set-Up
4
5
6
7
ns
tHD
Data Hold
0
0
0
0
ns
tSEN
Enable Set-Up
4
5
6
7
ns
tHEN
Enable Hold
0
0
0
0
ns
tOE
OE LOW to Output Data Valid
9
10
15
20
ns
tOLZ
[7,15]
OE LOW to Output Data in Low Z
0
0
0
0
ns
tOHZ
[7,15]
OE HIGH to Output Data in High Z
9
10
15
20
ns
tPG
Read HIGH to Parity Generation
9
10
15
20
ns
tPE
Read HIGH to Parity Error Flag
9
10
15
20
ns
tFD
Flag Delay
9
10
15
20
ns
tSKEW1
[16]
Opposite Clock After Clock
0
0
0
0
ns
Notes:
8.
CL = 30 pF for all AC parameters except for tOHZ.
9.
CL = 5 pF for tOHZ.
10. All AC measurements are referenced to 1.5V except tOE, tOLZ, and tOHZ.
11.
tOE and tOLZ are measured at ± 100 mV from the steady state.
12. tOHZ is measured at +500 mV from VOL and – 500 mV from VOH.
13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, and output loading as shown in AC Test Loads and Waveforms
and capacitance as in notes 8 and 9, unless otherwise specified.
14. Access time includes all data outputs switching simultaneously.
15. At any given temperature and voltage condition, tOLZ is greater than tOHZ for any given device.
16. tSKEW1 is the minimum time an opposite clock can occur after a clock and still be guaranteed not to be included in the current clock cycle (for purposes
of flag update). If the opposite clock occurs less than tSKEW1 after the clock, the decision of whether or not to include the opposite clock in the current
clock cycle is arbitrary. Note: The opposite clock is the signal to which a flag is not synchronized; i.e., CKW is the opposite clock for Empty and Almost
Empty flags, CKR is the opposite clock for the Almost Full, Half Full, and Full flags. The clock is the signal to which a flag is synchronized; i.e., CKW is the
clock for the Half Full, Almost Full, and Full flags, CKR is the clock for Empty and Almost Empty flags.
3.0V
5V
OUTPUT
R1500
R2
333
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<3 ns
<3 ns
OUTPUT
2V
Equivalent to:
THÉVENIN EQUIVALENT
C451-4
200
ALL INPUT PULSES
C451-5


Similar Part No. - CY7C453-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C456 CYPRESS-CY7C456 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C457 CYPRESS-CY7C457 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
More results

Similar Description - CY7C453-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
logo
Analog Devices
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
logo
Cypress Semiconductor
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
Cypress Semiconductor
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com