Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C453-12JC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C453-12JC
Description  512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C453-12JC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C453-12JC Datasheet HTML 1Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 2Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 3Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 4Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C453-12JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CY7C451
CY7C453
CY7C454
Document #: 38-06033 Rev. *A
Page 4 of 24
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C451-12
7C453-12
7C454-12
7C451-14
7C453-14
7C454-14
7C451-20
7C453-20
7C454-20
7C451-30
7C453-30
7C454-30
Min. Max. Min. Max. Min. Max. Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = −2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
[2]
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
[2]
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.
−10
+10
−10
+10
−10
+10
−10
+10
µA
IOS
[3]
Output Short
Circuit Current
VCC = Max., VOUT = GND
−90
−90
−90
−90
mA
IOZL
IOZH
Output OFF, High Z
Current
OE > VIH, VSS < VO < VCC
−10
+10
−10
+10
−10
+10
−10
+10
µA
ICC1
[4]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
140
140
120
100
mA
Mil/Ind
150
150
130
110
mA
ICC2
[5]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
70
70
70
70
mA
Mil/Ind
80
80
80
80
mA
ISB
[6]
Standby Current
VCC = Max.,
IOUT = 0 mA
Com’l
30
30
30
30
mA
Mil/Ind
30
30
30
30
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
12
pF
Notes:
2.
The VIH and VIL specifications apply for all inputs except XI. The XI pin is not a TTL input. It is connected to either XO of the previous device or VSS.
3.
Test no more than one output at a time for not more than one second.
4.
Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency (fMAX), while data inputs
switch at fMAX/2. Outputs are unloaded.
5.
Input signals switch from 0V to 3V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz.
Outputs are unloaded.
6.
All input signals are connected to VCC. All outputs are unloaded. Read and write clocks switch at maximum frequency (fMAX).
7.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C453-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C456 CYPRESS-CY7C456 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C457 CYPRESS-CY7C457 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
More results

Similar Description - CY7C453-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C441 CYPRESS-CY7C441 Datasheet
223Kb / 15P
   Clocked 512 x 9, 2K x 9 FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
logo
Analog Devices
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
logo
Cypress Semiconductor
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
Cypress Semiconductor
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com